Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM2575 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM2575-12,LM2575HV-12
LM2575-5.0,LM2575HV-5.0
Electrical Characteristics
LM2575- 3.3,LM2575HV
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
Units
Typ
Limit
(Limits)
SYSTEM PARAMETERS (Note 5) Test Circuit Figure 1
VOUT
Output Voltage
4.75V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 2A
3.3
V
3.168/3.135
V(min)
3.432/3.465
V(max)
η
Efficiency
VIN = 12V, I LOAD = 2A
73
%
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
Units
(Limits)
Typ
Limit
SYSTEM PARAMETERS (Note 5) Test Circuit Figure 1
V
OUT
Output Voltage
7V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 2A
5.0
V
4.800/4.750
V(min)
5.200/5.250
V(max)
η
Efficiency
V
IN = 12V, ILOAD = 2A
80
%
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range
Symbol
Parameter
Conditions
Units
(Limits)
Typ
Limit
SYSTEM PARAMETERS (Note 5) Test Circuit Figure 1
V
OUT
Output Voltage
15V
≤ V
IN ≤ 40V, 0.2A ≤ ILOAD ≤ 2A
12.0
V
11.52/11.40
V(min)
12.48/12.60
V(max)
η
Efficiency
V
IN = 25V, ILOAD = 2A
90
%
-3.3
LM2575HV
LM2575 -3.3
-3.3
LM2575HV
LM2575 -5.0
-5.0
LM2575HV
LM2575 -12
-12
3
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com