Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LM2575 /LM2575HV Series Buck Regulator Design Procedure (Adjustable Output)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage
V
IN(max) = Maximum Input Voltage
I
LOAD(max) = Maximum Load Current
F = Switching Frequency (Fixed at a nominal 52 kHz).
Given:
V
OUT = 20V
V
IN(max) = 28V
I
LOAD(max) = 2A
F = Switching Frequency (Fixed at a nominal 52 kHz).
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in
Figure 1 )
Use the following formula to select the appropriate resistor
values.
Select a value for R
1 between 240Ω and 1.5 kΩ. The lower
resistor values minimize noise pickup in the sensitive feed-
back pin. (For the lowest temperature coefficient and the best
stability with time, use 1% metal film resistors.)
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in
Figure 1 )
Select R
1 to be 1 kΩ, 1%. Solve for R2.
R
2 = 1k (16.26 − 1) = 15.26k, closest 1% value is 15.4 kΩ.
R
2 = 15.4 kΩ.
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant E • T(V
• µs), from the following formula:
where V
SAT = internal switch saturation voltage = 1.16V
and V
D = diode forward voltage drop = 0.5V
B. Use the E
• T value from the previous formula and match it
with the E
• T number on the vertical axis of the Inductor Value
Selection Guide shown in
Figure 7.
C. on the horizontal axis, select the maximum load current.
D. Identify the inductance region intersected by the E
• T value
and the Maximum Load Current value. Each region is identi-
fied by an inductance value and an inductor code (LXX).
E. Select an appropriate inductor from the four manufacturer’s
part numbers listed in
Figure 8.
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant
(E
• T),
B. E
• T = 34.2 (V • µs)
C. I
LOAD(max) = 2A
D. From the inductor value selection guide shown in Figure 7,
the inductance region intersected by the 34 (V
• µs) horizontal
L39.
E. From the table in
Figure 8, locate line L39, and select an
bers.
10
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com