Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM2575 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Supply Voltage
Maximum Supply Voltage
Absolute Maximum Ratings
ON /OFF Pin Input Voltage
−0.3
≤ V ≤ +25V
Feedback Pin Voltage
−0.3
≤ V ≤+25V
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally limited
StorageTemperatureRange
−65˚Cto+150˚C
ESD Susceptibility HumanBodyModel
2kV
Lead Temperature
S Package
Vapor Phase (60 sec.)
+215˚C
Infrared (10 sec.)
+245˚C
T Package (Soldering, 10 sec.)
+260˚C
Maximum Junction Temperature
+150˚C
Operating Conditions
Temperature Range
−40˚C
≤ T
J ≤ +125˚C
Pin Assignments
Pin Descriptions
Name
Description
Vin
Input supply voltage
Output
Switching output
Gnd
Ground
Feedback
Output voltage feedback
ON/OFF
ON/OFF shutdown
Active is “Low” or floating
5 ON/OFF
4 Feedback
3 Gnd
2 Output
1 Vin
5 ON/OFF
4 Feedback
3 Gnd
2 Output
1 Vin
TO220B-5L/TO220-5L
TO263-5L
LM2575HV
LM2575
45V
57V
LM2575HV
57V
LM2575
40V
2
www.umw-ic.com
友台半导体有限公司
LM2575T
LM2575S
LM2575HVT
LM2575HVT
LM2575S
LM2575S
LM2575HVT
LM2575HVT
LM2575S
LM2575HVS
LM2575HVS
LM2575HVS
LM2575HVS
Ordering information
Temperature
Range
Output Voltage, V
Package Type
-40°C
≤ T
A
≤ 125°C
3.3
5.0
12
ADJ
- 3.3
-5.0
-12
-ADJ
-3.3
- 5.0
-12
-ADJ
-3.3
-5.0
-12
- ADJ
TO-263
TO-220
-3.3
LM2575T - 5.0
LM2575T -12
LM2575T -ADJ
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com