Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
-5V output, but other output voltages are possible by selecting other
This example uses the LM2575/LM2575HV-5.0 to generate a
Application Information (Continued)
DELAYED STARTUP
The circuit in
Figure 21 uses the the ON /OFF pin to provide
a time delay between the time the input voltage is applied
and the time the output voltage comes up (only the circuitry
pertaining to the delayed start up is shown). As the input
voltage rises, the charging of capacitor C1 pulls the ON /OFF
pin high, keeping the regulator off. Once the input voltage
reaches its final value and the capacitor stops charging, and
resistor R
2 pulls the ON /OFF pin low, thus allowing the
circuit to start switching. Resistor R
1 is included to limit the
maximum voltage applied to the ON /OFF pin (maximum of
25V), reduces power supply noise sensitivity, and also limits
the capacitor, C1, discharge current. When high input ripple
voltage exists, avoid long delay time, because this ripple can
be coupled into the ON /OFF pin and cause problems.
This delayed startup feature is useful in situations where the
input power source is limited in the amount of current it can
deliver. It allows the input voltage to rise to a higher voltage
before the regulator starts operating. Buck regulators require
less input current at higher input voltages.
UNDERVOLTAGE LOCKOUT
Some applications require the regulator to remain off until
the input voltage reaches a predetermined voltage. An und-
ervoltage lockout feature applied to a buck regulator is
shown in
Figure 22, while Figure 23 and 24 applies the same
feature to an inverting circuit. The circuit in
Figure 23 fea-
tures a constant threshold voltage for turn on and turn off
(zener voltage plus approximately one volt). If hysteresis is
needed, the circuit in
Figure 24 has a turn ON voltage which
is different than the turn OFF voltage. The amount of hyster-
esis is approximately equal to the value of the output volt-
age. If zener voltages greater than 25V are used, an addi-
tional 47 k
Ω resistor is needed from the ON /OFF pin to the
ground pin to stay within the 25V maximum limit of the ON
/OFF pin.
INVERTING REGULATOR
The circuit in
Figure 25 converts a positive input voltage to a
negative output voltage with a common ground. The circuit
operates by bootstrapping the regulator’s ground pin to the
negative output voltage, then grounding the feedback pin,
output voltage versions, including the adjustable version.
Since this regulator topology can produce an output voltage
that is either greater than or less than the input voltage, the
maximum output current greatly depends on both the input
and output voltage. The curve shown in
Figure 26 provides a
guide as to the amount of output load current possible for the
different input and output voltage conditions.
01258336
FIGURE 21. Delayed Startup
01258337
FIGURE 22. Undervoltage Lockout
for Buck Regulator
01258338
This circuit has an ON/OFF threshold of approximately 13V.
FIGURE 23. Undervoltage Lockout
for Inverting Regulator
12
www.umw-ic.com
友台半导体有限公司
LM2575
/LM2575HV
5.0
LM2575
/LM2575HV
5.0
LM2575
/LM2575HV
5.0
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com