Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Information
PIN FUNCTIONS
+V
IN — This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be present
at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
Ground — Circuit ground.
Output — Internal switch. The voltage at this pin switches
between (+V
IN −VSAT) and approximately −0.5V, with a duty
cycle of approximately V
OUT/VIN. To minimize coupling to
sensitive circuitry, the PC board copper area connected to
this pin should be kept to a minimum.
Feedback — Senses the regulated output voltage to com-
plete the feedback loop.
ON /OFF — Allows the switching regulator circuit to be shut
down using logic level signals thus dropping the total input
supply current to approximately 80 µA. Pulling this pin below
a threshold voltage of approximately 1.3V turns the regulator
on, and pulling this pin above 1.3V (up to a maximum of 25V)
shuts the regulator down. If this shutdown feature is not
needed, the ON /OFF pin can be wired to the ground pin or
it can be left open, in either case the regulator will be in the
ON condition.
EXTERNAL COMPONENTS
INPUT CAPACITOR
C
IN — A low ESR aluminum or tantalum bypass capacitor is
needed between the input pin and ground pin. It must be
located near the regulator using short leads. This capacitor
prevents large voltage transients from appearing at the in-
put, and provides the instantaneous current needed each
time the switch turns on.
The important parameters for the Input capacitor are the
voltage rating and the RMS current rating. Because of the
relatively high RMS currents flowing in a buck regulator’s
input capacitor, this capacitor should be chosen for its RMS
current rating rather than its capacitance or voltage ratings,
although the capacitance value and voltage rating are di-
rectly related to the RMS current rating.
The RMS current rating of a capacitor could be viewed as a
capacitor’s power rating. The RMS current flowing through
the capacitors internal ESR produces power which causes
the internal temperature of the capacitor to rise. The RMS
current rating of a capacitor is determined by the amount of
current required to raise the internal temperature approxi-
mately 10˚C above an ambient temperature of 105˚C. The
ability of the capacitor to dissipate this heat to the surround-
ing air will determine the amount of current the capacitor can
safely sustain. Capacitors that are physically large and have
a large surface area will typically have higher RMS current
ratings. For a given capacitor value, a higher voltage elec-
trolytic capacitor will be physically larger than a lower voltage
capacitor, and thus be able to dissipate more heat to the
surrounding air, and therefore will have a higher RMS cur-
rent rating.
Block Diagram
01258321
FIGURE 12.
11
www.umw-ic.com
友台半导体有限公司
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com