Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575 Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575 Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
The adual time depends on the output voltage and
current limit (approx 4.5A) are needed for at least 2 ms or more,
until the output reaches its nominal output voltage.
loads. Input currents as high as the LM2575 /LM2575HV
the size of the outputcapacitor. Input power sources that are
current limited or sources that can not deliver these currents
without getting loaded down, may not work correctly. Because
of the relatively high startup currents required by the inverting
tolology the delayed startup feature (C1, R
in
) shown the
25 is recommended. By delaying the regulator
of the high nput current needed for startup is now supplied by
gher votage before the switcher begins operating. A portion
startup, the input capacitor is allowed to charge up to a hi-
the input capacitor (C
). For severe start up conditions,
the input capacitor can be made much larger than normal.
Application Information (Continued)
Because of differences in the operation of the inverting
regulator, the standard design procedure is not used to
select the inductor value. In the majority of designs, a 33 µH,
3.5A inductor is the best choice. Capacitor selection can also
be narrowed down to just a few values. Using the values
shown in
Figure 25 will provide good results in the majority of
inverting designs.
This type of inverting regulator can require relatively large
amounts of input current when starting up, even with light
1and R2
IN
This circuit has hysteresis
Regulator starts switching at V
IN
= 13V
Regulator stops switching at VIN =8V
FIGURE 24. Undervoltage Lockout with Hysteresis for Inverting Regulator
CIN
— 68 µF/25V Tant. Sprague 595D
470 µF/50V Elec. Panasonic HFQ
COUT
— 47 µF/20V Tant. Sprague 595D
220 µF/25V Elec. Panasonic HFQ
FIGURE 25. Inverting −5V Regulator with Delayed Startup
FIGURE 26. Inverting Regulator Typical Load Current
13
www.umw-ic.com
友台半导体有限公司
LM2575
/LM2575HV
5.0
LM2575
/LM2575HV
5.0
Figure
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com