Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1373887 Datasheet (PDF) - PHOENIX CONTACT

1373887 Datasheet PDF - PHOENIX CONTACT
Part # 1373887
Download  1373887 Download
File Size   476.19 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 40-MV 1,75 - SMD male connectors

1373887 Datasheet (PDF)

Go To PDF Page Download Datasheet
1373887 Datasheet PDF - PHOENIX CONTACT

Part # 1373887
Download  1373887 Click to download

File Size   476.19 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 40-MV 1,75 - SMD male connectors

1373887 Datasheet (HTML) - PHOENIX CONTACT


1373887 Product details

SMD male connector, nominal current: 2.2 A, Test voltage: 840 V AC, number of positions: 40,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Pin, mounting: SMD
soldering

Your advantages
• The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
• Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
• Time savings during the development process with customer-specific simulations for data integrity.
• Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
• Design-in support during device development using MCAD/ECAD data and a free sample service.




Similar Part No. - 1373887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1373883 PHOENIX-1373883 Datasheet
474Kb / 9P
FR 1,27/ 26-MV 1,75 - SMD male connectors
1373886 PHOENIX-1373886 Datasheet
470Kb / 9P
FR 1,27/ 32-MV 1,75 - SMD male connectors
1373889 PHOENIX-1373889 Datasheet
471Kb / 9P
FR 1,27/ 50-MV 1,75 - SMD male connectors
More results


Similar Description - 1373887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714943 PHOENIX-1714943 Datasheet
126Kb / 8P
SMD male connectors - FP 1,27/ 50-MV 1,75
1714937 PHOENIX-1714937 Datasheet
114Kb / 7P
SMD male connectors - FP 1,27/ 20-MV 1,75
1714941 PHOENIX-1714941 Datasheet
101Kb / 6P
SMD male connectors - FP 1,27/ 40-MV 1,75
1714944 PHOENIX-1714944 Datasheet
114Kb / 7P
SMD male connectors - FP 1,27/ 68-MV 1,75
1373892 PHOENIX-1373892 Datasheet
465Kb / 9P
FR 1,27/ 68-MV 1,75 - SMD male connectors
1373894 PHOENIX-1373894 Datasheet
463Kb / 9P
FR 1,27/ 80-MV 1,75 - SMD male connectors
1373828 PHOENIX-1373828 Datasheet
490Kb / 9P
FR 1,27/ 16-MV 1,75 - SMD male connectors
1373866 PHOENIX-1373866 Datasheet
491Kb / 9P
FR 1,27/ 20-MV 1,75 - SMD male connectors
1373896 PHOENIX-1373896 Datasheet
451Kb / 9P
FR 1,27/100-MV 1,75 - SMD male connectors
1373889 PHOENIX-1373889 Datasheet
471Kb / 9P
FR 1,27/ 50-MV 1,75 - SMD male connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com