Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1373887 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1373887
Description  FR 1,27/ 40-MV 1,75 - SMD male connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1373887 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1373887 Datasheet HTML 1Page - PHOENIX CONTACT 1373887 Datasheet HTML 2Page - PHOENIX CONTACT 1373887 Datasheet HTML 3Page - PHOENIX CONTACT 1373887 Datasheet HTML 4Page - PHOENIX CONTACT 1373887 Datasheet HTML 5Page - PHOENIX CONTACT 1373887 Datasheet HTML 6Page - PHOENIX CONTACT 1373887 Datasheet HTML 7Page - PHOENIX CONTACT 1373887 Datasheet HTML 8Page - PHOENIX CONTACT 1373887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
SMD male connector, nominal current: 2.2 A, Test voltage: 840 V AC, number of positions: 40,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Pin, mounting: SMD
soldering
Your advantages
The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
•
Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
•
Time savings during the development process with customer-specific simulations for data integrity.
•
Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
•
Design-in support during device development using MCAD/ECAD data and a free sample service.
•
Commercial data
Item number
1373887
Packing unit
1 pc
Minimum order quantity
280 pc
Sales key
AA24
Product key
AAXGAB
GTIN
4063151734619
Weight per piece (including packing)
2.453 g
Weight per piece (excluding packing)
2.453 g
Customs tariff number
85366930
Country of origin
CN
FR 1,27/ 40-MV 1,75 - SMD male connectors
1373887
https://www.phoenixcontact.com/us/products/1373887
Nov 27, 2023, 6:25 AM
Page 1 (9)


Similar Part No. - 1373887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1373883 PHOENIX-1373883 Datasheet
474Kb / 9P
FR 1,27/ 26-MV 1,75 - SMD male connectors
1373886 PHOENIX-1373886 Datasheet
470Kb / 9P
FR 1,27/ 32-MV 1,75 - SMD male connectors
1373889 PHOENIX-1373889 Datasheet
471Kb / 9P
FR 1,27/ 50-MV 1,75 - SMD male connectors
More results

Similar Description - 1373887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714943 PHOENIX-1714943 Datasheet
126Kb / 8P
SMD male connectors - FP 1,27/ 50-MV 1,75
1714937 PHOENIX-1714937 Datasheet
114Kb / 7P
SMD male connectors - FP 1,27/ 20-MV 1,75
1714941 PHOENIX-1714941 Datasheet
101Kb / 6P
SMD male connectors - FP 1,27/ 40-MV 1,75
1714944 PHOENIX-1714944 Datasheet
114Kb / 7P
SMD male connectors - FP 1,27/ 68-MV 1,75
1373892 PHOENIX-1373892 Datasheet
465Kb / 9P
FR 1,27/ 68-MV 1,75 - SMD male connectors
1373894 PHOENIX-1373894 Datasheet
463Kb / 9P
FR 1,27/ 80-MV 1,75 - SMD male connectors
1373828 PHOENIX-1373828 Datasheet
490Kb / 9P
FR 1,27/ 16-MV 1,75 - SMD male connectors
1373866 PHOENIX-1373866 Datasheet
491Kb / 9P
FR 1,27/ 20-MV 1,75 - SMD male connectors
1373896 PHOENIX-1373896 Datasheet
451Kb / 9P
FR 1,27/100-MV 1,75 - SMD male connectors
1373889 PHOENIX-1373889 Datasheet
471Kb / 9P
FR 1,27/ 50-MV 1,75 - SMD male connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com