Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1373887 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1373887
Description  FR 1,27/ 40-MV 1,75 - SMD male connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1373887 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1373887 Datasheet HTML 1Page - PHOENIX CONTACT 1373887 Datasheet HTML 2Page - PHOENIX CONTACT 1373887 Datasheet HTML 3Page - PHOENIX CONTACT 1373887 Datasheet HTML 4Page - PHOENIX CONTACT 1373887 Datasheet HTML 5Page - PHOENIX CONTACT 1373887 Datasheet HTML 6Page - PHOENIX CONTACT 1373887 Datasheet HTML 7Page - PHOENIX CONTACT 1373887 Datasheet HTML 8Page - PHOENIX CONTACT 1373887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
SMD male connector
Product family
FR 1,27/...-MV 1,75
Number of positions
40
Pitch
1.27 mm
Number of rows
2
Pin layout
Linear pad geometry
Electrical properties
Nominal current IN
2.2 A IEC 60512-5-2:2002-02 (at 20°C 100-pos.)
Degree of pollution
3
Contact resistance
10 mΩ
Test voltage
840 V AC IEC 60512-4-1:2003
Mounting
Mounting type
SMD soldering
Pin layout
Linear pad geometry
Processing notes
Process
Reflow soldering
Moisture Sensitive Level
MSL 1
Classification temperature Tc
260 °C
Solder cycles in the reflow
3
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Selective coating
Metal surface contact area (top layer)
Gold (Au)
Metal surface contact area (middle layer)
Nickel (Ni)
Metal surface soldering area (top layer)
Tin (Sn)
Metal surface soldering area (middle layer)
Nickel (Ni)
Material data - housing
Color (Housing)
black (9005)
Insulating material
LCP
Insulating material group
IIIb
CTI according to IEC 60112
150
Flammability rating according to UL 94
V0
FR 1,27/ 40-MV 1,75 - SMD male connectors
1373887
https://www.phoenixcontact.com/us/products/1373887
Nov 27, 2023, 6:25 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com