Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1373887 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1373887
Description  FR 1,27/ 40-MV 1,75 - SMD male connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1373887 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1373887 Datasheet HTML 1Page - PHOENIX CONTACT 1373887 Datasheet HTML 2Page - PHOENIX CONTACT 1373887 Datasheet HTML 3Page - PHOENIX CONTACT 1373887 Datasheet HTML 4Page - PHOENIX CONTACT 1373887 Datasheet HTML 5Page - PHOENIX CONTACT 1373887 Datasheet HTML 6Page - PHOENIX CONTACT 1373887 Datasheet HTML 7Page - PHOENIX CONTACT 1373887 Datasheet HTML 8Page - PHOENIX CONTACT 1373887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Drawings
Diagram
0
0,4
0,8
1,2
3,2
3,6
4,0
4,4
0 10 20 30 40 50 60 70 80 90 100 110120130
[°C]
1
2
1,6
2,0
2,4
2,8
= 6-pos.
= 100-pos.
1
2
Type: FR 1,27/...-FV 6,25 with FR 1,27/...-MV 1,75
Diagram
0
0,4
0,8
1,2
3,2
3,6
4,0
4,4
0 10 20 30 40 50 60 70 80 90 100 110120130
[°C]
1
2
1,6
2,0
2,4
2,8
= 6-pos.
= 100-pos.
1
2
Type: FR 1,27/...-FV 9,05 with FR 1,27/...-MV 1,75
FR 1,27/ 40-MV 1,75 - SMD male connectors
1373887
https://www.phoenixcontact.com/us/products/1373887
Nov 27, 2023, 6:25 AM
Page 5 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com