Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1373887 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1373887
Description  FR 1,27/ 40-MV 1,75 - SMD male connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1373887 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1373887 Datasheet HTML 1Page - PHOENIX CONTACT 1373887 Datasheet HTML 2Page - PHOENIX CONTACT 1373887 Datasheet HTML 3Page - PHOENIX CONTACT 1373887 Datasheet HTML 4Page - PHOENIX CONTACT 1373887 Datasheet HTML 5Page - PHOENIX CONTACT 1373887 Datasheet HTML 6Page - PHOENIX CONTACT 1373887 Datasheet HTML 7Page - PHOENIX CONTACT 1373887 Datasheet HTML 8Page - PHOENIX CONTACT 1373887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 2000 - 10 Hz
Sweep speed
1 octave/min
Amplitude
1.5 mm (10 Hz ... 58 Hz)
Sweep speed
200 m/s² (58 Hz ... 2000 Hz)
Test duration per axis
2.5 h
Durability test
Specification
IEC 60512-9-1:2010-03 (following)
Contact resistance R1
10 mΩ
Contact resistance R2
15 mΩ
Insertion/withdrawal cycles
500
Insulation resistance, neighboring positions
≥ 5 GΩ
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Semi-sinusoidal
Acceleration
490 m/s²
Shock duration
11 ms
Test directions
X-, Y- and Z-axis (pos. and neg.)
Ambient conditions
Ambient temperature (operation)
-55 °C ... 125 °C
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Packaging specifications
Dimensional drawing
Type of packaging
44 mm wide tape
[W] tape width
44 mm
[W2] coil overall dimension
50.4 mm
[A] coil diameter
330 mm
Outer packaging type
Transparent-Bag
ESD level
(D) electrostatically conductive
Specification
DIN EN 61340-5-1 (VDE 0300-5-1): 2008-07
FR 1,27/ 40-MV 1,75 - SMD male connectors
1373887
https://www.phoenixcontact.com/us/products/1373887
Nov 27, 2023, 6:25 AM
Page 4 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com