Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1373887 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1373887
Description  FR 1,27/ 40-MV 1,75 - SMD male connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1373887 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1373887 Datasheet HTML 1Page - PHOENIX CONTACT 1373887 Datasheet HTML 2Page - PHOENIX CONTACT 1373887 Datasheet HTML 3Page - PHOENIX CONTACT 1373887 Datasheet HTML 4Page - PHOENIX CONTACT 1373887 Datasheet HTML 5Page - PHOENIX CONTACT 1373887 Datasheet HTML 6Page - PHOENIX CONTACT 1373887 Datasheet HTML 7Page - PHOENIX CONTACT 1373887 Datasheet HTML 8Page - PHOENIX CONTACT 1373887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Notes
Notes on operation
The permissible voltage during operation depends on the
application, taking into consideration the air clearances and
creepage distances within the scope of insulation requirements in
accordance with IEC 60664-1.
Dimensions
Dimensional drawing
Pitch
1.27 mm
Width [w]
30.49 mm
Height [h]
7.5 mm
Length [l]
7.2 mm
Installed height
6.75 mm
Application
Contact cover
0.9 mm
Center offset
± 0.7 mm in longitudinal and transverse direction
8 mm Tolerance: +1,5 mm (in combination with Range of
articles:FR 1,27/...-FV 6,25)
Stack height
10.8 mm Tolerance: +1,5 mm (in combination with Range of
articles:FR 1,27/...-FV 9,05)
Wipe length
1.5 mm
Angular tolerance
± 5 ° in longitudinal and transverse direction
PCB design
Pad geometry
0.8 x 1.1 mm
Electrical tests
Thermal test | Test group C
Specification
IEC 60512-5-2:2002-02
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
≥ 5 GΩ
Air clearances and creepage distances |
Insulating material group
IIIb
Minimum value for clearance and creepage distance
0.56 mm
Environmental and real-life conditions
Vibration test
FR 1,27/ 40-MV 1,75 - SMD male connectors
1373887
https://www.phoenixcontact.com/us/products/1373887
Nov 27, 2023, 6:25 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com