Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD Datasheet (PDF) - NXP Semiconductors

PDIUSBD Datasheet PDF - NXP Semiconductors
Part # PDIUSBD
Download  PDIUSBD Download
File Size   119.45 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description USB device with serial interface

PDIUSBD Datasheet (PDF)

Go To PDF Page Download Datasheet
PDIUSBD Datasheet PDF - NXP Semiconductors

Part # PDIUSBD
Download  PDIUSBD Click to download

File Size   119.45 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description USB device with serial interface

PDIUSBD Datasheet (HTML) - NXP Semiconductors


PDIUSBD Product details

DESCRIPTION
The Universal Serial Bus hub PDIUSBD11 is a cost and feature-optimized USB interface device. It is used in microcontroller-based systems and communicates with the system microcontroller over the high speed I2C serial bus. This modular approach to implementing USB functions allows the designer to choose the optimum system microcontroller from the available wide variety. This flexibility cuts down the development time, risks, and costs by allowing the use of the existing architecture and the firmware investments. This results in the fastest way to develop the most cost-effective USB peripheral solutions. The PDIUSBD11 is ideally suited for computer monitors, docking stations, keyboards, and many other applications that use the I2C or the SMBus-based architecture.

FEATURES
• Complies with the Universal Serial Bus specification Rev. 1.1
• Complies with the ACPI, OnNOW, and USB power management requirements
• Compliant with USB Human Interface Devices and Monitor Control Class
• Compliant with System Management Bus Specification Rev. 1.0
• Integrated SIE (Serial Interface Engine), FIFO memory and transceivers
• Automatic USB protocol handling
• High speed I2C Interface (up to 1 Mbit/s)
• Compatible with the PDIUSBH11 software
• Software controllable connection to USB bus (SoftConnect)
• Low frequency 12 MHz crystal oscillator eases EMI design issues
• Programmable output clock frequency
• Bus powered capability with very low suspend current
• Controllable LazyClock output during suspend
• Single 3.3 V supply with 5 V tolerant I/O
• Available in 16-pin DIP and SO packages
• Full-scan design with high fault coverage (>99%) insures high quality
• Higher than 8 kV in-circuit ESD protection lowers cost of extra components




Similar Part No. - PDIUSBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
USB interface device with parallel bus
Rev. 08-20 December 2001
PDIUSBD12D PHILIPS-PDIUSBD12D Datasheet
167Kb / 22P
USB interface device with parallel bus
Rev. 08-20 December 2001
PDIUSBD12PW PHILIPS-PDIUSBD12PW Datasheet
167Kb / 22P
USB interface device with parallel bus
Rev. 08-20 December 2001
More results


Similar Description - PDIUSBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
USB interface device with parallel bus
Rev. 08-20 December 2001
logo
Cypress Semiconductor
CY7C68001 CYPRESS-CY7C68001 Datasheet
1Mb / 42P
EZ-USB SX2??High-Speed USB Interface Device
July 13, 2004
logo
NXP Semiconductors
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
logo
Cypress Semiconductor
CY7C68001 CYPRESS-CY7C68001_05 Datasheet
1Mb / 42P
EZ-USB SX2??High-Speed USB Interface Device
CY7C68001 CYPRESS-CY7C68001_09 Datasheet
1Mb / 45P
EZ-USB SX2 High Speed USB Interface Device
logo
Microchip Technology
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com