Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 2 Page - NXP Semiconductors

  PDIUSBD Datasheet HTML 1Page - NXP Semiconductors PDIUSBD Datasheet HTML 2Page - NXP Semiconductors PDIUSBD Datasheet HTML 3Page - NXP Semiconductors PDIUSBD Datasheet HTML 4Page - NXP Semiconductors PDIUSBD Datasheet HTML 5Page - NXP Semiconductors PDIUSBD Datasheet HTML 6Page - NXP Semiconductors PDIUSBD Datasheet HTML 7Page - NXP Semiconductors PDIUSBD Datasheet HTML 8Page - NXP Semiconductors PDIUSBD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
2
1999 Jul 22
853-2050 22023
FEATURES
• Complies with the Universal Serial Bus specification Rev. 1.1
• Complies with the ACPI, OnNOW, and USB power management
requirements
• Compliant with USB Human Interface Devices and Monitor
Control Class
• Compliant with System Management Bus Specification Rev. 1.0
• Integrated SIE (Serial Interface Engine), FIFO memory and
transceivers
• Automatic USB protocol handling
• High speed I2C Interface (up to 1 Mbit/s)
• Compatible with the PDIUSBH11 software
• Software controllable connection to USB bus (SoftConnect™)
• Low frequency 12 MHz crystal oscillator eases EMI design issues
• Programmable output clock frequency
• Bus powered capability with very low suspend current
• Controllable LazyClock output during suspend
• Single 3.3 V supply with 5 V tolerant I/O
• Available in 16-pin DIP and SO packages
• Full-scan design with high fault coverage (>99%) insures high
quality
• Higher than 8 kV in-circuit ESD protection lowers cost of extra
components
DESCRIPTION
The Universal Serial Bus hub PDIUSBD11 is a cost and
feature-optimized USB interface device. It is used in
microcontroller-based systems and communicates with the system
microcontroller over the high speed I2C serial bus. This modular
approach to implementing USB functions allows the designer to
choose the optimum system microcontroller from the available wide
variety. This flexibility cuts down the development time, risks, and
costs by allowing the use of the existing architecture and the
firmware investments. This results in the fastest way to develop the
most cost-effective USB peripheral solutions. The PDIUSBD11 is
ideally suited for computer monitors, docking stations, keyboards,
and many other applications that use the I2C or the SMBus-based
architecture.
The PDIUSBD11 conforms to the USB specification Rev. 1.1, I2C
serial interface and the SMBus specifications. It is fully compliant
with the Human Interface Device Class and Monitor Control Class
specifications. Its low suspend power consumption along with the
programmable LazyClock output allows for easy implementation of
equipment that is compliant to the ACPI, OnNOW, and USB power
management requirements. The low operating power allows the
implementation of bus-powered function.
The PDIUSBD11 is fully backward compatible to the
PDIUSBH11/PDIUSBH11A software. In addition, it also incorporates
the feature enhancements like SoftConnect
™, LazyClock,
programmable clock output, lower frequency crystal oscillator,
multiple function endpoints and integration of termination resistors.
All of these feature enhancements contribute to significant cost
savings in the system implementation and at the same time ease the
implementation of advanced USB functionality into the peripherals.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-pin plastic SO
–40
°C to +85°C
PDIUSBD11 D
PDIUSBD11 D
SOT162-1
16-pin plastic DIP
–40
°C to +85°C
PDIUSBD11 N
PDIUSBD11 N
SOT38-4
BLOCK DIAGRAM
ANALOG
TX/RX
PHILIPS
SIE
INTEGRATED
RAM
BIT CLOCK
RECOVERY
MEMORY
MANAGEMENT
UNIT
I2C
SLAVE
INTERFACE
12 MHz
INTERRUPT
SDA
SCL
D+
D–
UPSTREAM
PORT
FULL SPEED
PLL
SoftConnect
™
D+
3.3V
1.5k
W
SV00823
NOTE:
1. This is a conceptual block diagram and does not include each individual signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com