Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PDIUSBD Datasheet HTML 9Page - NXP Semiconductors PDIUSBD Datasheet HTML 10Page - NXP Semiconductors PDIUSBD Datasheet HTML 11Page - NXP Semiconductors PDIUSBD Datasheet HTML 12Page - NXP Semiconductors PDIUSBD Datasheet HTML 13Page - NXP Semiconductors PDIUSBD Datasheet HTML 14Page - NXP Semiconductors PDIUSBD Datasheet HTML 15Page - NXP Semiconductors PDIUSBD Datasheet HTML 16Page - NXP Semiconductors PDIUSBD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
13
AC CHARACTERISTICS (AI/O pins, FULL speed)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Driver characteristics
CL = 50 pF;
Rpu = 1.5 kW on D+ to VCC
Transition Time:
tr
Rise time
Between 10% and 90%
4
20
ns
tf
Fall time
Between 10% and 90%
4
20
ns
tRFM
Rise/fall time matching
(tr/tf)
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
Driver Timings
tEOPT
Source EOP width
Figure 1
160
175
ns
tDEOP
Differential data to EOP transition skew
Figure 1
–2
5
ns
Receiver Timings
Receiver Data Jitter Tolerance
tJR1
To next transition
Characterized and not tested.
Gt
d b d
i
–18.5
18.5
ns
tJR2
For paired transitions
Guaranteed by design.
–9
9
ns
EOP Width at Receiver
tEOPR1
Must reject as EOP
Figure 1
40
ns
tEOPR2
Must accept
82
ns
SV00837
tPERIOD
DIFFERENTIAL
DATA LINES
CROSSOVER POINT
CROSSOVER POINT
EXTENDED
DIFFERENTIAL DATA TO
SEO/EOP SKEW
N * tPERIOD + tDEOP
SOURCE EOP WIDTH: tEOPT
RECEIVER EOP WIDTH: tEOPR1, tEOPR2
Figure 1. Differential data to EOP transition skew and EOP width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com