Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 4 Page - NXP Semiconductors

  PDIUSBD Datasheet HTML 1Page - NXP Semiconductors PDIUSBD Datasheet HTML 2Page - NXP Semiconductors PDIUSBD Datasheet HTML 3Page - NXP Semiconductors PDIUSBD Datasheet HTML 4Page - NXP Semiconductors PDIUSBD Datasheet HTML 5Page - NXP Semiconductors PDIUSBD Datasheet HTML 6Page - NXP Semiconductors PDIUSBD Datasheet HTML 7Page - NXP Semiconductors PDIUSBD Datasheet HTML 8Page - NXP Semiconductors PDIUSBD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
4
PIN DESCRIPTION
PIN NO
PIN SYMBOL
TYPE
DRIVE
DESCRIPTION
1
TEST
Input
Connect to GND for normal operation
2
RESET_N
Input
ST
Power-on reset
3
XTAL1
Input
Crystal connection 1 (12MHz)
4
XTAL2
Output
Crystal connection 2 (12MHz)
5
CLKOUT
Output
3 mA
Programmable output clock for external devices
6
VCC
Power
Voltage supply 3.3V
±0.3V
7
SUSPEND
Output
OD6
Device is in suspended state
8
INT_N
Output
OD6
Connect to microcontroller interrupt
9
SDA
I/O
OD6
I2C bi-directional data
10
SCL
I/O
OD6
I2C bit-clock
11
GND
Power
Ground reference
12
DP
AI/O
USB D+ connection
13
DM
AI/O
USB D– connection
14
AGND
Power
Analog ground reference
15
AVCC
Power
Analog voltage supply 3.3V
±0.3V
16
VBUS
Input
USB VBUS sensing pin
NOTES:
1. Signals ending in _N indicate active LOW signals.
ST: Schmitt Trigger
OD6: Open Drain with 6 mA drive
AI/O: Analog I/O
APPLICATION DIAGRAM
12 MHz
D11
I2C
µC
USB Upstream
3.3V
CLKOUT
FUNCTIONAL BLOCK
e.g. Monitor Control, Mouse, Keyboard, ...
SV00824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com