Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PDIUSBD Datasheet HTML 12Page - NXP Semiconductors PDIUSBD Datasheet HTML 13Page - NXP Semiconductors PDIUSBD Datasheet HTML 14Page - NXP Semiconductors PDIUSBD Datasheet HTML 15Page - NXP Semiconductors PDIUSBD Datasheet HTML 16Page - NXP Semiconductors PDIUSBD Datasheet HTML 17Page - NXP Semiconductors PDIUSBD Datasheet HTML 18Page - NXP Semiconductors PDIUSBD Datasheet HTML 19Page - NXP Semiconductors PDIUSBD Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
18
SUITABILITY OF IC PACKAGES FOR WAVE, REFLOW AND DIPPING SOLDERING METHODS
Mo nting
Package
Soldering Method
Mounting
Package
Wave
Reflow 1
Dipping
Through-hole mount
DBS, DIP, HDIP, SDIP, SIL
suitable 2
–
suitable
BGA, SQFP,
not suitable
suitable
–
HLQFP, HSQFP, HSOP, SMS
not suitable 3
suitable
–
Surface mount
PLCC, SO, SOJ
suitable
suitable
–
LQFP, QFP, TQFP
not recommended 4, 5
suitable
–
SSOP, TSSOP, VSO
not recommended 6
suitable
–
NOTES:
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to
time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in
them (the so-called “popcorn” effect). For details, refer to the Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages;
Section: Packing Methods”.
2. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
3. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version)
cannot be achieved, and as solder may stick to the heatsink (on top version).
4. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction. The package footprint must
incorporate solder thieves downstream and at the side corners.
5. Wave soldering is only suitable for LQFP, QFP, and TQFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not
suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
6. Wave soldering is only suitable for SSOP and TSSOP packages with a pith (e) equal to or larger than 0.65 mm; it is definitely not suitable for
packages with a pitch (e) equal to or smaller than 0.5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com