Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDIUSBD Datasheet HTML 4Page - NXP Semiconductors PDIUSBD Datasheet HTML 5Page - NXP Semiconductors PDIUSBD Datasheet HTML 6Page - NXP Semiconductors PDIUSBD Datasheet HTML 7Page - NXP Semiconductors PDIUSBD Datasheet HTML 8Page - NXP Semiconductors PDIUSBD Datasheet HTML 9Page - NXP Semiconductors PDIUSBD Datasheet HTML 10Page - NXP Semiconductors PDIUSBD Datasheet HTML 11Page - NXP Semiconductors PDIUSBD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
8
Clock Division Factor Byte
SV00828
76
5
4
3
2
1
1
1
0
POWER ON VALUE
CLOCK DIVISION FACTOR
RESERVED
10
XX
XX
Clock Division Factor
The value indicates clock division factor for
CLKOUT. The output frequency is
48 MHz/(N+1) where N is the Clock Division
Factor. The reset value is 11. This will
produce the output frequency of 4 MHz
which can then be programmed up (or down)
by the user. The minimum value is one giving
the range of frequency from 4 to 24 MHz.
The PDIUSBD11 design ensures no
glitching during frequency change. The
programmed value will not be changed by a
bus reset.
Data Flow Commands
Data flow commands are used to manage the data transmission
between the USB endpoints and the monitor. Much of the data flow
is initiated via an interrupt to the microcontroller. The microcontroller
utilizes these commands to access and determine whether the
endpoint FIFOs have valid data.
Read Interrupt Register
Command
: F4h
Data
: Read 2 bytes
Interrupt Register Byte 1
POWER ON VALUE
RESERVED
CONTROL OUT ENDPOINT
CONTROL IN ENDPOINT
ENDPOINT INDEX 4
ENDPOINT INDEX 5
ENDPOINT INDEX 6
ENDPOINT INDEX 7
76
5
4
3
2
X
1
X
0
00
00
00
SV00829
This command indicates the origin of an interrupt. A ‘1’ indicates an
interrupt occurred at this endpoint. The bits are cleared by reading
the endpoint status register through the Read Endpoint Status
command.
After a bus reset, an interrupt will be generated and bit 6 of the
Interrupt Register Byte 2 will be ‘1’. The interrupt is internally cleared
by reading the interrupt register. A bus reset is completely identical
to the hardware reset through the RESET_N pin with the sole
difference of interrupt notification.
Interrupt Register Byte 2
POWER ON VALUE
ENDPOINT INDEX 8
ENDPOINT INDEX 9
RESERVED
BUS RESET
RESERVED
76
5
4
3
2
0
1
0
0
XX
XX
X0
SV00830
Select Endpoint
Command
: 00-0Dh
Data
: Optional Read 1 byte
The Select Endpoint command initializes an internal pointer to the
start of the Selected buffer. Optionally, this command can be
followed by a data read, which returns ‘0’ if the buffer is empty and
‘1’ if the buffer is full.
76
5
4
3
2
X
1
0
0
POWER ON VALUE
FULL/EMPTY
RESERVED
XX
XX
XX
SV00831
Full/Empty
A ‘1’ indicates the buffer is full, ‘0’ indicates an
empty buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com