Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2521A60-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2521A60-R
Download  SE2521A60-R Download
File Size   563.4 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz Wireless LAN Front-End

SE2521A60-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2521A60-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2521A60-R
Download  SE2521A60-R Click to download

File Size   563.4 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz Wireless LAN Front-End

SE2521A60-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2521A60-R Product details

Features
 Pin for pin compatible to Skyworks’ SE2521A34 but providing 2 dB extra output power
 Dual Mode IEEE802.11b & IEEE802.11g
 All RF ports matched to 50 Ω
 Integrated PA, TX Filter, DPDT T/R and Diversity switches
 Integrated Power Detector
 23 dBm O/P Power, 802.11b, 11 Mbits, ACPR <-35 dBc
 18 dBm @ 2.0 %, 802.11g, 54 Mbits
 Single supply voltage: 3.3 V ± 10 %
 Lead free and RoHS compliant
 Small lead free plated package, 8 mm x 7 mm x 1.1 mm, MSL 3




Similar Part No. - SE2521A60-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60-R SIGE-SE2521A60-R Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
More results


Similar Description - SE2521A60-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com