Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE2521A60-R
Description  2.4 GHz Wireless LAN Front-End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A60-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE2521A60-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DATA SHEET
SE2521A60: 2.4 GHz Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202416A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
7
Receive Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A60-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
RXIL
Insertion Loss
-
-
0.8
1.2
dB
RXRL
Return Loss
-
-
-15
-10
dB
Delta Rx
Delta between Rx
paths
ANT_A to RX_OUT or
ANT_B to RX_OUT
-
-
0.5
dB
TRISOL-2
Rx Leakage
C1 or C4 = SWON, C2 =
C3 = SWOFF, Device
transmitting 15 dBm @
ANTA or ANTB, Power
measured @ RX_OUT
-9
-
3
dBm
ANTRISOL
Isolation between
ANT_A and ANT_B to
RX_OUT
Small signal input into
ANT_A or ANT_B, Device
not transmitting, Power
measured @ RX_OUT,
C1 AND C4 = SWON, C2
and C3 = SWOFF
14
-
24
dB
Power Detector Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A60-EV1 evaluation board
(de-embedded to device), unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
PDR
Power detect range,
peak power
Measured at ANT_A or
ANT_B
0
-
20
dBm
PDZLOAD
DC load impedance
-
1
-
-
Mohm
PDVNoRF
Output Voltage, POUT =
No RF
-
0.90
-
1.02
V
PDVp18
Output Voltage, POUT =
18dBm
-
0.44
-
0.66
V
PDVp20
Output Voltage, POUT =
20dBm
-
0.28
-
0.51
V
LPF-3dB
Power detect low pass
filter -3dB corner
frequency
PDZLOAD = >1 Mohm,
PDCLOAD = 180 pF
270
330
400
KHz
Note: Power detector internal impedance is 2.7 KOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com