Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SE2521A60-R
Description  2.4 GHz Wireless LAN Front-End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A60-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SE2521A60-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DATA SHEET
SE2521A60: 2.4 GHz Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202416A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
13
CW Typical Performance
P1dB vs. Frequency over Tem perature (3.3 V, CW)
24
24.5
25
25.5
26
26.5
27
2400
2420
2440
2460
2480
2500
Frequency (MHz)
-40 C
25 C
85 C
Sm all Signal Gain vs. Frequency over Tem perature (3.3 V, CW)
25
26
27
28
29
30
31
32
33
2400
2420
2440
2460
2480
2500
Frequency (MHz)
-40 C
25 C
85 C
(a)
(b)
Figure 14: Typical CW Performance over Temperature (a) P1dB vs. Frequency, (b) Gain vs. Frequency
IMD3 vs. Output Pow er over Tem perature (2450 MHz, 3.3 V, CW)
-80
-70
-60
-50
-40
-30
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
-40 C, IMD3
25 C, IMD3
85 C, IMD3
IMD5 vs. Output Pow er over Tem perature (2450 MHz, 3.3 V, CW)
-80
-70
-60
-50
-40
-30
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
-40 C, IMD5
25 C, IMD5
85 C, IMD5
(a)
(b)
Figure 15: Typical CW Performance over Temperature (a) IMD3 vs. Output Power, (b) P1dB vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com