Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2521A60-R
Description  2.4 GHz Wireless LAN Front-End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A60-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2521A60-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DATA SHEET
SE2521A60: 2.4 GHz Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202416A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Pin No.
Name
Description
19,20
GND
Ground
21
ANT_A
Antenna A (50 ohm)
22,23,24
GND
Ground
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive. Handling and assembly of this device should be at ESD protected
workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on VCC
-0.3
4.0
V
TXEN
Power Amplifier Enable
-0.3
4.0
V
TXRF
RF Input Power
-
2.0
dBm
TA
Operating Temperature Range
-20
85
°C
TSTG
Storage Temperature Range
-40
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
TA
Ambient Temperature
0
25
85
°C
DC Electrical Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A60-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total Supply Current
POUT = 18 dBm, 54 Mbps
OFDM signal, 64QAM
165
180
230
mA
POUT = 15 dBm, 54 Mbps
OFDM signal, 64QAM
110
150
215
mA
ICC-B
Total Supply Current
POUT = 20 dBm, 11 Mbps
CCK signal, BT = 0.45
175
205
275
mA
ICC_OFF
Total Supply Current
VEN = 0 V, No RF Applied,
C1 = C2 = C3 = C4 = 0 V
-
2
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com