Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2521A60-R
Description  2.4 GHz Wireless LAN Front-End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A60-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2521A60-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATA SHEET
SE2521A60: 2.4 GHz Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202416A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
Access Points, PCMCIA, PC cards
Features
Pin for pin compatible to Skyworks’ SE2521A34
but providing 2 dB extra output power
Dual Mode IEEE802.11b & IEEE802.11g
All RF ports matched to 50
Ω
Integrated PA, TX Filter, DPDT T/R and Diversity
switches
Integrated Power Detector
23 dBm O/P Power, 802.11b, 11 Mbits, ACPR <-
35 dBc
18 dBm @ 2.0 %, 802.11g, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free and RoHS compliant
Small lead free plated package, 8 mm x 7 mm x
1.1 mm, MSL 3
Ordering Information
Part No.
Package
Remark
SE2521A60
24 pin LGA
Samples
SE2521A60-R
24 pin LGA
Tape and Reel
SE2521A60-EK1
N/A
Evaluation kit
Product Description
The SE2521A60 is a complete 802.11 b/g WLAN RF
front-end module providing all the functionality of the
power amplifier, power detector, T/R switch, diversity
switch and associated matching. The SE2521A60
provides a complete 2.4 GHz WLAN RF solution from
the output of the transceiver to the antennas in an
ultra compact form factor.
Designed for ease of use, all RF ports are matched to
50
Ω to simplify PCB layout and the interface to the
transceiver RFIC.
The SE2521A60 also includes a
transmitter power detector with 20 dB of dynamic
range and a digital enable control for transmitter
power ramp on/off control. The power ramp rise/fall
time is 1
μsec typical.
The device also provides a notch filter from 3.2-3.3
GHz prior to the input of the power amplifier.
The SE2521A60 is footprint compatible to Skyworks’
SE2521A34 and can be placed directly into existing
SE2521A34 designs easily providing higher output
power solutions


Similar Part No. - SE2521A60-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60-R SIGE-SE2521A60-R Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
More results

Similar Description - SE2521A60-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com