Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2521A60-R
Description  2.4 GHz Wireless LAN Front-End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A60-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2521A60-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DATA SHEET
SE2521A60: 2.4 GHz Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202416A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
10
IMD3, IMD5 vs. Output Pow er (25 C, 2450 MHz, CW)
-80
-70
-60
-50
-40
-30
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Pow er (dBm )
IMD3
IMD5
P1dB vs. Frequency (25 C, 3.3 V, CW)
24
24.5
25
25.5
26
26.5
27
2400
2420
2440
2460
2480
2500
Frequency (MHz)
25
26
27
28
29
30
31
32
33
P1dB
Gain
(a)
(b)
Figure 8: Typical CW Performance (a) IMD3, IMD5 vs. Output Power, (b) P1dB, Gain vs. Frequency
Detector Performance
VDET vs. Output Pow er over Frequency (25 C, 3.3 V, CW)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2
4
6
8
10
12
14
16
18
20
22
Output Pow er (dBm )
2400 MHz
2450 MHz
2500 MHz
VDET vs. Output Pow er over Voltage (25 C, 2450 MHz, CW)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
12
14
16
18
20
22
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
(a)
(b)
Figure 9: Typical Power Detector Response: (a) Over Frequency, (b) Over Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com