Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A60-R Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SE2521A60-R
Description  2.4 GHz Wireless LAN Front-End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A60-R Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SE2521A60-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2521A60-R Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DATA SHEET
SE2521A60: 2.4 GHz Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202416A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
9
802.11g OFDM ICC vs. Output Pow er over Frequency (25 C, 3.3 V)
100
120
140
160
180
200
220
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Pow er (dBm )
2400 MHz
2450 MHz
2500 MHz
Figure 5: 802.11g Typical Current Consumption (ICC) Performance over Frequency
802.11b Typical Performance
802.11B ACPR-Adj vs. Output Pow er over Voltage
(25 C, 2450 MHz, 802.11b 11 Mbps Signal)
-40
-38
-36
-34
-32
-30
-28
-26
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
802.11B ACPR-Alt vs. Output Pow er over Voltage
(25 C, 2450 MHz, 802.11b 11Mbps Signal)
-70
-65
-60
-55
-50
-45
-40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Output Pow er (dBm )
2.7 V
3.0 V
3.3 V
3.6 V
(a)
(b)
Figure 6: 802.11b Typical ACPR Performance (11 Mbps, CCK, BT = 0.45) (a) 802.11b ACPR-ADJ vs. POUT
over Voltage and (b) 802.11b ACPR-ALT vs. POUT over Voltage
2nd, 3rd Harm onics vs. Output Pow er
(25 C, 2450 MHz, 802.11b 1 Mbps CCK Signal)
-70
-65
-60
-55
-50
-45
-40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
2nd Harmonic
3rd Harmonic
Figure 7: 802.11b Typical Harmonic Performance (1 Mbps, CCK)
CW Typical Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com