Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2421 Datasheet (PDF) - NXP Semiconductors

SA2421 Datasheet PDF - NXP Semiconductors
Part # SA2421
Download  SA2421 Download
File Size   101.26 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.45 GHz low voltage RF transceiver

SA2421 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA2421 Datasheet PDF - NXP Semiconductors

Part # SA2421
Download  SA2421 Click to download

File Size   101.26 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.45 GHz low voltage RF transceiver

SA2421 Datasheet (HTML) - NXP Semiconductors


SA2421 Product details

DESCRIPTION
The SA2421 transceiver is a combined low–noise amplifier, receive mixer, transmit mixer and LO buffer IC designed using a 20 GHz fT BiCMOS process, QUBiC2, for high–performance low–power communication systems for 2.4–2.5 GHz applications. The LNA has a 3.2 dB noise figure at 2.45 GHz with 14.3 dB gain and an IP3 intercept of –3 dBm at the input. The wide–dynamic–range receive mixer has a 11.2 dB noise figure and an input IP3 of +2.5 dBm at 2.45 GHz. The nominal current drawn from a single 3 V supply is 34 mA in transmit mode and 20 mA in receive mode. The SA2421 differs from the SA2420 by removal of the LO doubler and LO switch. The LNA reverse isolation is improved, and a separate pin is allocated for the transmit output.

FEATURES
• Low current consumption: 34 mA nominal transmit mode and 20 mA nominal receive mode
• High system power gain: 24 dB (LNA + Mixer) at 2.45 GHz
• Excellent gain stability versus temperature and supply voltage
• Separate Rx IN and Tx OUT pins
• Wide IF range: 50–500 MHz
• –10dBm typical LO input power
• Improved LNA reverse isolation S12
• TSSOP24 package

APPLICATIONS
• IEEE 802.11 (WLAN)
• 2.45 GHz ISM band




Similar Part No. - SA2421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
Low voltage RF transceiver . 2.45GHz
1997 May 23
SA2420DH PHILIPS-SA2420DH Datasheet
133Kb / 16P
Low voltage RF transceiver . 2.45GHz
1997 May 23
More results


Similar Description - SA2421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Texas Instruments
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
logo
Johanson Technology Inc...
2450LP15B050 JOHANSON-2450LP15B050 Datasheet
127Kb / 2P
2.45 GHz Low Pass Filter
2450LP07A0100 JOHANSON-2450LP07A0100 Datasheet
125Kb / 2P
2.45 GHz Low Pass Filter
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
List of Unclassifed Man...
RC2500HP-RC232 ETC2-RC2500HP-RC232 Datasheet
603Kb / 22P
2.45 GHz High Power Multi-Channel RF Transceiver Module
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
logo
Johanson Technology Inc...
2450LP14C100T JOHANSON-2450LP14C100T Datasheet
111Kb / 2P
2.45 GHz Low Pass Filter
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
2.45 GHz Low Pass Filter
2450LP14C100 JOHANSON-2450LP14C100 Datasheet
111Kb / 2P
2.45 GHz Low Pass Filter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com