Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2421 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA2421 Datasheet HTML 1Page - NXP Semiconductors SA2421 Datasheet HTML 2Page - NXP Semiconductors SA2421 Datasheet HTML 3Page - NXP Semiconductors SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
5
AC ELECTRICAL CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
–3
σ
TYP
+3
σ
MAX
UNITS
Tx Mixer (Tx OUT = Pin 17, IF = Pins 7 and 8, LO = Pin 10 or 12, PLO = –10 dBm)
PGC
Power conversion gain: RL = 50 Ω
RS = 50 Ω
fS = 2.45 GHz,
fLO = 2.1 GHz,
fIF = 350 MHz
22.5
23
23.5
dB
S11–RF
Output match at RF (2.45 GHz)1
–10
dB
NFM
SSB noise figure (2.45 GHz) (50
Ω)
10.9
11.2
11.5
dB
P-1dB
Output 1dB gain compression
4.2
dBm
IP3
Output third order intercept
f1 – f2 = 1 MHz
10.1
12.2
14.3
dBm
Tx Mixer Spurious Components (POUT = P–1dB)
PIF-RF
IF feedthrough to RF4
–50
dBc
PLO-RF
LO feedthrough to RF5
–22
dBc
PIMAGE-RF
Image feedthrough to RF6
–20
dBc
LO Buffer
PLO IN
LO drive level
–15
–10
–5
dBm
S11-LO
Mixer input match (LO = 2.1 GHz)
–10
dB
fLOG
LOG frequency range3
1.9
2.1
2.3
GHz
Switching2
tRx-Tx
Receive-to-transmit switching time
1
µs
tTx-Rx
Transmit-to-Receive switching time
1
µs
tPOWER UP
Chip enable time
1
µs
tPWR DWN
Chip disable time
1
µs
NOTES:
1. With simple external matching
2. With 50 pF coupling capacitors on all RF and IF parts
3. This part has been optimized for the stated frequency range. Operation outside this frequency range may yield performance other than
specified in this datasheet.
4. Measured 5dB lower than 1dB compression point, with typical output matching network.
5. Measured at 1dB compression point.
6. With typical output matching network (no image reject mixer is used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com