Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2421 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA2421 Datasheet HTML 2Page - NXP Semiconductors SA2421 Datasheet HTML 3Page - NXP Semiconductors SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors SA2421 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
6
Table 1.
Truth Table
Chip-En
ATT-SW
TX–RX
Mode
LNA Gain
RX Mixer
TX Mixer and
Predriver
0
X
X
Sleep
N/S
off
off
1
1
0
Receive
+14.3 dB
on
off
1
0
0
Receive
–19 dB
on
off
1
X
1
Transmit
N/S
off
on
FUNCTIONAL DESCRIPTION
The SA2421 is a 2.45 GHz transceiver front-end available in the
TSSOP-24 package. This integrated circuit (IC) consists of a low
noise amplifier (LNA) and up- and down-converters. There is an
enable/disable switch available to power up/down the entire chip in
1
µs, typically. This transceiver has several unique features.
The LNA has two operating modes: 1) high gain mode with a gain =
+14.3 dB; and 2) low gain mode with a gain –19 dB. The switch for
this option is internal and is controlled externally by high and low
logic to the pin. When the LNA is switched into the attenuation
mode, active matching circuitry (on-chip) is switched in (reducing the
number of off-chip components required). To reduce power
consumption when the chip is transmitting, the LNA is automatically
switched into a “sleep” mode (internally) without the use of external
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com