Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2421 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA2421 Datasheet HTML 1Page - NXP Semiconductors SA2421 Datasheet HTML 2Page - NXP Semiconductors SA2421 Datasheet HTML 3Page - NXP Semiconductors SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
4
AC ELECTRICAL CHARACTERISTICS
VCC = +3 V, Tamb = 25°C; LOIN = –10 dBm @ 2.1 GHz; fRF = 2.45 GHz; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
–3
σ
TYP
+3
σ
MAX
UNITS
fRF
RF frequency range3
2.4
2.45
2.5
GHz
fIF
IF frequency range3
300
350
400
MHz
LNA High gain mode (In = Pin 2; Out = 23)
S21
Amplifier gain
LNA gain = Hi
13.3
14.3
15.3
dB
S12
Amplifier reverse isolation
LNA gain = Hi
–32
dB
S11
Amplifier input match1
LNA gain = Hi
–10
dB
S22
Amplifier output match1
LNA gain = Hi
–9
dB
ISO
Isolation: LOX to LNAIN
LNA gain = Hi
–43
dB
P-1dB
Amplifier input 1dB gain compression
LNA gain = Hi
–15
dBm
IP3
Amplifier input third order intercept
f1 - f2 = 1 MHz,
LNA gain = Hi
–4.5
–3.2
–1.9
dBm
NF
Amplifier noise figure (50
Ω)
LNA gain = Hi
3.1
3.2
3.3
dB
LNA High Overload Mode (low gain mode)
S21
Amplifier gain
LNA gain = Low
–18.5
–19.4
–20.3
dB
S12
Amplifier reverse isolation
LNA gain = Low
–26
dB
S11
Amplifier input match1
LNA gain = Low
–8
dB
S22
Amplifier output match1
LNA gain = Low
–8
dB
ISO
Isolation: LOX to LNAIN
LNA gain = Low
–45
dB
P-1dB
Amplifier input 1dB gain compression
LNA gain = Low
2
dBm
IP3
Amplifier input third order intercept
f1 – f2 = 1 MHz,
LNA gain = Low
18
dBm
NF
Amplifier noise figure (50
Ω)
LNA gain = Low
18.5
dB
Rx Mixer (Rx IN = Pin 19, IF = Pins 5 and 6, LO = Pin 10 or 12, PLO = –10 dBm)
PGC
Power conversion gain into 50
Ω :
matched to 50
W using external balun
circuitry.
fS = 2.45 GHz,
fLO = 2.1 GHz,
fIF = 350 MHz
9.5
10
10.5
dB
S11–RF
Input match at RF (2.45 GHz)1
–11
dB
NFM
SSB noise figure (2.45 GHz) (50
Ω)
9.8
11.2
12.5
dB
P-1dB
Mixer input 1 dB gain compression
–10.5
dBm
IP3
Input third order intercept
f1 – f2 = 1MHz
1.8
2.2
2.6
dBm
Rx Mixer Spurious Components (PIN = P-1dB)
PRF-IF
RF feedthrough to IF4
CL = 2 pF per side
-35
dBc
PLO-IF
LO feedthrough to IF5
CL = 2 pF per side
-32
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com