Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2421 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors SA2421 Datasheet HTML 10Page - NXP Semiconductors SA2421 Datasheet HTML 11Page - NXP Semiconductors SA2421 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
9
–1
0
1
2
3
4
5
6
7
8
9
TEMPERATURE (
°C)
SR02274
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 15.
TX 1dB compression vs Supply Voltage and Temp
–18
–17
–16
–15
–14
–13
–12
–11
–10
TEMPERATURE (
°C)
SR02275
–40
_C25_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 16.
LNA 1dB compression vs Supply Voltage and Temp
7
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
LO Input (dBm)
SR02276
–40C
+25C
0C
+70C
+85C
–18
–16
–14
–12
–10
–8
–5
–2
Figure 17.
Receive Gain vs LO Input over Temp Range
17
18
19
20
21
22
23
24
25
26
LO Input (dBm)
SR02277
–40C
+25C
0C
+70C
+85C
–18
–16
–14
–12
–10
–8
–5
–2
Figure 18.
Transmit Gain vs LO Input over Temp Range
The Rx IN port is matched to 50
Ω and has an input IP3 of +2.2 dBm
(mixer only). The down-convert mixer is buffered and has open
collectors at the pins to allow for matching to common SAW filters.
The up convert mixer has an input pin to output pin gain of 23 dB.
The output of the up-converter is designed for a power level =
+4.2 dBm (P–1dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com