Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2421 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors SA2421 Datasheet HTML 10Page - NXP Semiconductors SA2421 Datasheet HTML 11Page - NXP Semiconductors SA2421 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
8
10
10.5
11.0
11.5
12.0
12.5
TEMPERATURE (
°C)
SR02268
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 9.
Receive Noise Figure vs Supply Voltage and Temp
–13
–12.5
–12.0
–11.5
–11.0
–10.5
–10.0
–9.5
–9.0
TEMPERATURE (
°C)
SR02269
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 10.
RX 1dB Compression vs Supply Voltage and Temp
30
31
32
33
34
35
36
37
38
TEMPERATURE (
°C)
SR02270
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 11.
Transmit Current vs Supply Voltage and Temp
15
17
19
21
23
25
27
29
TEMPERATURE (
°C)
SR02271
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 12.
Transmit Gain vs Supply Voltage and Temp
0
2
4
6
8
10
12
14
16
18
20
TEMPERATURE (
°C)
SR02272
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 13.
Transmit Output IP3 vs Supply Voltage and Temp
8
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
TEMPERATURE (
°C)
SR02273
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 14.
Transmit Noise Figure vs Supply Voltage and Temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com