Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet (PDF) - Analog Devices

ADL5309ACBZ-R7 Datasheet PDF - Analog Devices
Part # ADL5309ACBZ-R7
Download  ADL5309ACBZ-R7 Download
File Size   1827.21 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter

ADL5309ACBZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5309ACBZ-R7 Datasheet PDF - Analog Devices

Part # ADL5309ACBZ-R7
Download  ADL5309ACBZ-R7 Click to download

File Size   1827.21 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter

ADL5309ACBZ-R7 Datasheet (HTML) - Analog Devices


ADL5309ACBZ-R7 Product details

GENERAL DESCRIPTION
The ADL5309 contains dual monolithic logarithmic transimpedance
amplifiers that are optimized for measuring low-frequency and wide
dynamic range optical signal power in fiber optic systems.
The device produces highly accurate, temperature compensated
output voltages that are proportional to the logarithm of the ratio
between the input current at the INP1 and INP2 pins and the
internally generated reference currents. The logarithmic slope and
intercept are both accurately trimmed to a nominal value of 200
mV/decade and 10 pA, respectively. The low-impedance OUT1 and
OUT2 logarithmic outputs have the capability to drive a wide range
of analog-to-digital converters (ADCs) and other circuits.
A digital representation of the OUT1 and OUT2 outputs is available
through the inter-IC bus (I2C) interface. A 14-bit successive approximation
register (SAR) ADC, controlled through the I2C interface,
samples the OUT1 and OUT2 channel outputs along with a built-in
digital temperature sensor.
Adaptive photodiode biasing is supported through the PDB1 and
PDB2 interfaces. At low diode currents, the photodiode reverse bias
is kept small to minimize the dark current. At higher input currents,
the bias voltage scales linearly with the current to avoid nonlinearity
due to photodiode saturation. Both the starting bias level and the
scale factor at higher currents are configurable through I2C.
The ADL5309 is specified for operation from −40°C to +105°C
ambient temperature and is offered in a small 2.040 mm × 1.640
mm, 20-lead wafer level chip scale package (WLCSP).

FEATURES
► 188 dB electrical dynamic range and 94 dB optical dynamic
range
► Dual-channel current inputs for direct optical gain measurements
► Accurately trimmed logarithmic response:
► Logarithmic slope 200 mV/decade
► Logarithmic conformance error ±0.4 dB over temperature
► Offset trimmed at 70°C to reduce dark current
► Integrated LDO: 26 dB PSRR at 60 Hz and 100 pA input current
(VCC = 3.0 V)
► I2C adjustable:
► Photodiode bias voltage
► Trade-off between noise and response time at low input currents
► Integrated 14-bit ADC
► Requires minimal external components
► 2.040 mm × 1.640 mm, 20-lead WLCSP

APPLICATIONS
► Automatic test equipment
► Optical power monitoring
► Machine automation
► Optical modules




Similar Part No. - ADL5309ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5309ACBZ-R7 AD-ADL5309ACBZ-R7 Datasheet
1Mb / 25P
Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. A
More results


Similar Description - ADL5309ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com