Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5309ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Data Sheet
ADL5309
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 25
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
Specifications........................................................ 3
Serial Interface Timing Specifications................ 4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Rating................ 5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Typical Performance Characteristics..................... 7
Theory of Operation.............................................14
Logarithmic Transfer........................................ 14
Optical Measurements..................................... 14
Photodiode Bias............................................... 15
Bandwidth.........................................................16
Noise................................................................ 16
Applications Information...................................... 17
INP1 and INP2 Interfaces.................................17
OUT1 and OUT2 Interfaces............................. 17
PDB1 and PDB2 Interfaces..............................17
SUM Interface.................................................. 17
ADCREF Interface............................................17
SDA, SCL, and SBA Interfaces........................ 18
Serial Port Interface.............................................19
Protocol............................................................ 19
Address Selection............................................ 19
Supported Read and Write Methods................ 19
Reset, Address, and ID Registers.................... 20
ADC Registers..................................................20
Shadow Registers............................................ 22
Shadow Access Registers................................23
Evaluation Board Schematic............................... 24
Outline Dimensions............................................. 25
Ordering Guide.................................................25
Evaluation Board..............................................25
REVISION HISTORY
6/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com