Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Data Sheet
ADL5309
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 25 of 25
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SEATING
PLANE
0.300
Ø
0.260
0.220
0.230
0.200
0.170
0.330
0.300
0.270
COPLANARITY
0.05
SIDE VIEW
2.080
2.040
2.000
1.20 REF
1.60 REF
A
B
C
D
3
2
1
5
4
1.680
1.640
1.600
0.40
BSC
0.560
0.500
0.440
BALL A1
IDENTIFIER
Figure 53. 20-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-20-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADL5309ACBZ
−40°C to +105°C
20-Ball WLCSP (2.040 mm × 1.640 mm)
Tape, 3000
CB-20-16
ADL5309ACBZ-R7
−40°C to +105°C
20-Ball WLCSP (2.040 mm × 1.640 mm)
Reel, 3000
CB-20-16
ADL5309ACBZ-RL
−40°C to +105°C
20-Ball WLCSP (2.040 mm × 1.640 mm)
Reel, 5000
CB-20-16
1 Z = RoHS Compliant Part.
EVALUATION BOARD
Table 11. Evaluation Board
Model1, 2, 3
Description
ADL5309-EVALZ
Evaluation Board
ADL5309-KIT-EVALZ
Evaluation Board Kit
1 Z = RoHs Compliant Part.
2 The ADL5309-EVALZ package includes the evaluation board only.
3 A DC2026C Linduino One controller board is included with the ADL5309-KIT-EVALZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com