Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
ADL5309
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 25
In a reverse biased photodiode, however, the photon-generated IPD
itself is directly proportional to the optical power (POPT) absorbed in
the detector, as shown in the following equation:
IPD=ρ×POPT
(7)
where:
ρ is the responsivity (that is, the conversion gain from the optical
power to the electrical current.
POPT is the absorbed optical power.
The proportionality constant ρ, representing the conversion gain
from optical power to electrical current, is called the responsivity
of the photodiode. Using the same responsivity, the logarithmic
intercept current (IZ) of the TIA can be related to an optical intercept
power level (PZ) for which the ideal log-linear transfer produces an
output voltage equal to zero. The transfer from measured optical
power to amplifier output voltage can therefore be expressed as the
following equation:
VOUT=SLOPE×log10 POPTPZ
(8)
For incident optical power expressed in dB, Equation 8 becomes
Equation 9.
POPT, dB=10×log10POPT
(9)
VOUT=SLOPE10× POPT, dB−PZ, dB
(10)
Thus, the logarithmic slope in mV/dB optical power equals twice the
logarithmic slope in mV/dB of input current IPD (see Equation 3).
Similarly, the optical dynamic range of the TIA in dB equals half the
electrical dynamic range in dB, that is, 90 dB optical vs. 180 dB
electrical.
PHOTODIODE BIAS
The photodiode bias function maximizes the dynamic range of
optical power measurements by minimizing the impact of dark
current and series resistance on the measurement accuracy.
Dark current is a small leakage current through the diode that
does not change proportionally to the incident optical power, and
therefore, limits the sensitivity of an optical power measurement.
Because dark current generally increases with the reverse bias
voltage, a low reverse bias voltage minimizes the dark current and
maximizes the sensitivity of the optical power measurement.
The series resistance introduces measurement errors at high cur-
rent levels through the photodiode. The voltage drop across this
resistance reduces the reverse bias voltage across the photodiode
junction itself. A sufficiently high reverse bias voltage, preferably
proportional to the diode current to maintain constant reverse bias
across the junction, is needed to minimize the impact of the photo-
diode series resistance.
The photodiode bias function of the ADL5309 adjusts the reverse
bias across the photodiode as a function of the current through the
photodiode, as shown in Figure 42. At low photodiode currents, the
reverse bias is kept at a specified low-level offset voltage (VOS) to
minimize the impact of the dark current. As the photodiode current
increases, the reverse bias increases accordingly to minimize the
impact of the series resistance. To use this function, the cathode of
the photodiode should be connected to the PDB pin.
The ADL5309 photodiode bias can be optimized for specific photo-
diodes through the I2C interface. The reverse bias level at low input
currents VOS, the RT (that is, the change in bias voltage for a given
change in bias current), and the ITH (RT takes effect when a current
is greater than the ITH) can all be adjusted through the I2C interface.
For input currents greater than the ITH, ringing could be observed
on the PDB pin due to the positive feedback of the adaptive
photodiode bias via the photodiode capacitance. Typically, the
frequency of the ringing is around 65 MHz and does not propagate
noticeably to the VOUT, because it is attenuated strongly because
its bandwidth is much lower. For photodiodes with capacitance less
than 8 pF, no sustained ringing (oscillation) is observed even at cold
temperatures. It is possible, however, that sustained ringing may
occur for photodiodes with larger capacitance. In that case, it is
recommended to connect a snubber network consisting of a 10 Ω
resistor in series with a 220 pF capacitor between the PDB pin and
ground to reduce ringing. The ringing depends on the capacitance
of the photodiode vs. the reverse voltage of the photodiode, series
resistance, and PCB layout, it is good practice to measure the
ringing on the PDB pin using a pulsed optical source that generates
an input current greater than ITH to prevent excessive ringing. If
needed, the 220 pF capacitor can be scaled up, or the PDBG
register contents, which set the RT, can be scaled down.
Figure 42. Adaptive Photo Diode Bias Principle of Operation
The RT can be enabled or disabled (that is, effectively set to zero)
through the PDBG_FIX flag in SREG_07 (see Table 9). When
disabled (PDBG_FIX = 1), the reverse bias voltage across the
diode does not change with the diode current but remains constant
over the entire input current range. When enabled (PDBG_FIX =
0), the PDBG bit field adjusts the RT value in 15.625 Ω steps. An
expression for RT in terms of the SREG_07 register bit fields is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com