Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5309ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADL5309
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 25
Table 3. Absolute Maximum Ratings
Parameter
Rating
VCC
5.5 V
Current into INP1 and INP2
100 mA
DC Voltage
SDA and SCL
−0.3 V to 5.5 V
SBA, PDB1, and PDB2
−0.3 V to VCC + 0.3 V
SUM, INP1, INP2, OUT1, OUT2, CAP, and
ADCREF
−0.3 V to +3.0 V
Output Short Circuit Duration
OUT1, OUT2, PDB1, and PDB2
Indefinite
Temperature
Operating TA Range
−40°C to +105°C
Maximum TJ
135°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural junction to ambient thermal resistance measured
in a one cubic foot sealed enclosure.
Table 4. Thermal Resistance
Package Type1
θJA
Unit
CB-20-16
61.6
°C/W
1 Test Condition 1: Thermal impedance simulated values are based upon use of
a JEDEC 2S2P thermal test board.
ELECTROSTATIC DISCHARGE (ESD) RATING
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADL5309
Table 5. ADL5309, 20-Lead WLCSP
ESD Model
Withstand Threshold (V)
Class
HBM
2500
2
FICDM
1250
C5
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com