Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADL5309
THEORY OF OPERATION
analog.com
Rev. 0 | 16 of 25
given in Equation 11. Note that setting either PDBG_FIX = 1 or
PDBG = 0 disables the RT.
RT=15.625× 1−PDBG_FIX ×PDBG (11)
The RT becomes effective with values greater than the ITH, and the
ITH is controlled by PDBG in SREG_07 and IDZ in SREG_08. It can
be expressed as the following equation:
ITH=32 μA× 100×IDZ−PDBG
PDBG× 1−PDBG_FIX
(12)
Because the minimum functional value for IDZ is 1, the smallest
value for ITH is obtained for IDZ = 1 and PDBG = 63, resulting in
ITH = 18 μA. When PDBG_FIX = 1, ITH becomes infinite, effectively
disabling RT. If IDZ is set to zero, the offset calibration is lost.
The initial bias voltage (or offset voltage) between the PDB pin and
the INP pin, can be adjusted using Register SREG_08, Register
SREG_0A, and Register SREG_0B. Additionally, the initial bias
voltage is dependent on PDBG and PDBG_FIX. The bit field IPDB
in Register SREG_08 provides a coarse adjustment in 25 mV steps
that is the same for both channels. The contribution of PDBG in
SREG_07 is dependent on the state of the PDBG_FIX flag. For
input currents less than the ITH, the offset voltage in mV is given by
the following equation:
VOS=62.5×PDBG×PDBG_FIX+25
×IPDB+0.15× OS−128
(13)
Note that |V_PDB1 − V_INP1| and |V_PDB2 − V_INP2| are
minimized in the factory at low input currents for IPDB = 0 and
PDBG_FIX = 0 by trimming OS1 and OS2 and therefore V_OS is
not necessarily 0 mV for OS1 = OS2 = 128. Further insight into this
relationship between bandwidth and input current can be obtained
from Figure 21.
BANDWIDTH
The bandwidth of logarithmic TIAs changes with the IPD, resulting in
low bandwidth at low input currents that gradually increases to high-
er bandwidths at higher current levels. In general, bandwidth and
gain have an inverse relationship to each other, so increasing the
gain of an amplifier typically reduces its bandwidth and vice versa.
Logarithmic TIAs are no exception to this rule. Using Equation 1,
the small-signal gain (RT) of a TIA, (that is, the change in output
voltage due to a (small) change in IPD) can be expressed as the
following equation:
Zt=dVOUTdIPD= SLOPE
ln10 ×IPD
(14)
where: Zt is the small signal gain.
Due to the inherent dynamic range compression by the logarithm,
the TIA gain at low input levels is very high, so low bandwidth is to
be expected. Similarly, the RT at high input currents is much lower
and expected to result in higher bandwidth. Further insight into this
relationship between bandwidth and input current can be obtained
from Figure 1, depicting a simplified schematic of a logarithmic TIA.
Usually, the overall topology is a negative feedback amplifier using
a diode or the base-emitter junction of a bipolar transistor to estab-
lish the logarithmic transfer from IIN to VOUT. Without feedback,
that is if the gain of the operational amplifier (op amp) were zero,
the impedance (to ground) at the input node would be high. Most
of the current from the source should flow into the diode, so a
small parasitic capacitance of the photodiode or circuit board has
a major impact on the (open-loop) bandwidth of the circuit. The
loop gain in the amplifier reduces the impedance at the input
node by a factor approximately equal to the loop gain, which is
roughly the product of the op amp gain, input impedance, and the
feedback diode transconductance. If the loop gain were infinite,
the closed-loop input impedance of the TIA would become zero,
that is, a virtual ground, and the current through the feedback
diode would be precisely equal to the source current (IS). In a
practical amplifier where the op amp has high but finite gain, an
increase of the RT gain (ZT) corresponds to a decrease of the diode
transconductance (which ideally equals the inverse of ZT), and thus,
the amplifier loop gain decreases. In turn, a decrease of the loop
gain increases the closed-loop input impedance of the amplifier and
(given that the input capacitance is roughly fixed) decreases the
amplifier bandwidth. In order to maintain a bandwidth that is as
wide as possible, it is critical to minimize capacitive loading of the
TIA input pins.
NOISE
The noise level produced by a logarithmic TIA is also dependent
on the IINP. The VOUT noise is highest at low input currents (cor-
responding to the highest small-signal gain), and lowest at high
input current levels. Figure 24 and Figure 26 show the spot noise
spectral density vs. IINP graph for CF = 0 and CF = 15. For low input
currents, one of the most dominant noise sources is the 1/f noise
of the input negative channel metal-oxide semiconducter (NMOS).
shown in Figure 43, which produces a 1/f noise voltage at the input
node.
With a capacitive load at the input, this noise voltage causes an
input 1/f noise current and can produce a hill-shaped spot noise
spectral density curve. Therefore, it is important to minimize the
source capacitance by choosing a photodiode with the lowest
possible equivalent parallel capacitance and shortest possible trace
to the input node. A trade-off between noise density and bandwidth
at low IINP can be made by setting register CF (as shown in Figure
23 and Figure 18) with the minimum bandwidth and lowest noise
density for CF = 15 (default) and the maximum bandwidth and
highest noise density for CF = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com