Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5309ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5309ACBZ-R7
Description  Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5309ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5309ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADL5309ACBZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADL5309
SERIAL PORT INTERFACE
analog.com
Rev. 0 | 23 of 25
SHADOW ACCESS REGISTERS
The registers at Address 0x80 through Address 0x84 listed in
Table 10 are used to access the shadow registers listed in Table 9
through an indirect addressing method.
To read a shadow register, its address first has to be written to
REG_83. Then, the data can be read from REG_84. In order to
enable a write operation, the shadow registers first need to be
unlocked by writing 0xE5 to SREG_20 through an indirect write.
To perform an indirect write, use the autoincrement write method
to write the shadow register address to REG_80, the data to be
written to REG_81, and finally, set the WRITE_ENBL flag by writing
0x01 to REG_82, all in a single transaction. Subsequently, in a
new write operation, clear the WRITE_ENBL bit by writing 0x00 to
REG_82.
Table 10. ADL5309 Shadow Access Register Details
Address Name
Bits
Bit Name
Description
Default
Access
0x80
REG_80
[7:0]
WRITE_ADDR
Address of shadow register to write
0x00
R/W
0x81
REG_81
[7:0]
WRITE_DATA
Data to write to shadow register specified in register 0x80
0x00
R/W
0x82
REG_82
0
WRITE_ENBL
Set to '1' to enable a write to REG_80, REG_81
0x00
R/W
0x83
REG_83
[7:0]
READ_ADDR
Address of shadow register to read
0x00
R/W
0x84
REG_84
[7:0]
READ_DATA
Data read from shadow register specified in register 0x83.
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com