Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet (PDF) - STMicroelectronics

IPS8200HQ Datasheet PDF - STMicroelectronics
Part # IPS8200HQ
Download  IPS8200HQ Download
File Size   2774.94 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip

IPS8200HQ Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS8200HQ Datasheet PDF - STMicroelectronics

Part # IPS8200HQ
Download  IPS8200HQ Click to download

File Size   2774.94 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip

IPS8200HQ Datasheet (HTML) - STMicroelectronics


IPS8200HQ Product details

Features
• Voltage operating range 10.5 V to 36 V
• UVLO with hysteresis
• Output current: 0.7 A or 1.0 A (IPS8200HQ or IPS8200HQ-1) per channel
• Low supply current in OFF (1 mA) and ON (5.3 mA) states
• 5 V and 3.3 V compatible I/Os
• Selectable interface on logic side SPI or parallel
• 5 MHz SPI (8 or 16-bits) with output enable, daisy chain, and MCU freeze
detection
• 100 mA DC/DC with integrated boot diode and adjustable output voltage
• 4x2 LED matrix for efficient outputs state LEDs driving
• Can drive all types of loads (resistive, capacitive, and inductive)
• Per-channel overload and short-circuit protection
• Per-channel/independent overtemperature protection
• Fast demagnetization of inductive loads (Vout clamp)
• Overvoltage protection (VCC clamping)
• Loss of GND protection
• Power Good (supply voltage level) diagnostic
• Common fault open drain output
• IC warning temperature detection
• VFQFPN-48L (8x6 mm) package
• Designed to meet IEC61131-2, IEC61000-4-2, IEC61000-4-4, and
IEC61000-4-5

Application
• Programmable logic control
• Industrial PC peripheral input/output
• Numerical control machines




Similar Part No. - IPS8200HQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS8200HQ-1 STMICROELECTRONICS-IPS8200HQ-1 Datasheet
1Mb / 8P
Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo
13-Oct-2023
More results


Similar Description - IPS8200HQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com