Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet(PDF) 7 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 3Page - STMicroelectronics IPS8200HQ Datasheet HTML 4Page - STMicroelectronics IPS8200HQ Datasheet HTML 5Page - STMicroelectronics IPS8200HQ Datasheet HTML 6Page - STMicroelectronics IPS8200HQ Datasheet HTML 7Page - STMicroelectronics IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics IPS8200HQ Datasheet HTML 10Page - STMicroelectronics IPS8200HQ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
4
Electrical characteristics
4.1
Power section
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified.
Table 4. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
10.5
36
V
VCC CLAMP
Clamp on VCC
Current 20 mA
45
50
52
V
RDS(on)
On-state resistance
IOUT = 0.5 A at TJ = 25 °C
0.11
Ω
IOUT = 0.5 A at TJ = 125 °C
0.2
IS
VCC supply current
All channels in OFF-state, DC/DC =
OFF, VREG=5 V, SPI inactive (1)
0.65
1
1.1
mA
All channels in ON-state, DC/DC = ON,
VREG = 5 V, SPI active (2)
5.3
mA
All channels in ON-state, DC/DC =
OFF, VREG = 5 V, SPI active (3)
3.5
5.2
mA
IDS
VREG supply current
DC/DC = OFF, VREG = 5 V, SPI
inactive, WD_EN = 0
200
µA
DC/DC = OFF, VREG = 5 V, SPI active,
WD_EN = VREG
250
µA
ILGND
Output current at GND
disconnection
All pins at 0 V except VOUT = 24 V
0.5
mA
VOUT(OFF)
OFF-state output voltage
VIN = 0 V, IOUT = 0 A
1
V
IOUT(OFF)
OFF-state output current
VIN = VOUT = 0 V
0
2
µA
fCP
Charge pump frequency
Channel in ON-state (4)
1.45
MHz
1. SS signal high, no communication.
2. SS signal low, communication ON.
3. SS signal low, communication ON.
4. To cover EN55022 class A and class B normative.
4.2
SPI characteristics
10.5 V < VCC < 36 V; 2.7 V < VREG < 5 V; -40 <Tj <125 °C; unless otherwise specified.
Table 5. SPI characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fCLK
SPI clock frequency
-
5
MHz
tr(CLK),
tf(CLK)
SPI clock rise/fall time
-
20
ns
tsu(SS)
SS setup time
120
-
ns
th(SS)
SS hold time
120
-
ns
tw(CLK)
CLK high time
80
-
ns
IPS8200HQ, IPS8200HQ-1
Electrical characteristics
DS14313 - Rev 2
page 7/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com