Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet(PDF) 19 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 19 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 15Page - STMicroelectronics IPS8200HQ Datasheet HTML 16Page - STMicroelectronics IPS8200HQ Datasheet HTML 17Page - STMicroelectronics IPS8200HQ Datasheet HTML 18Page - STMicroelectronics IPS8200HQ Datasheet HTML 19Page - STMicroelectronics IPS8200HQ Datasheet HTML 20Page - STMicroelectronics IPS8200HQ Datasheet HTML 21Page - STMicroelectronics IPS8200HQ Datasheet HTML 22Page - STMicroelectronics IPS8200HQ Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
9
SPI operation (SEL2 = H)
Figure 13. SPI directional logic convention
SDI
SS
CLK
SDO
WD
OUT_EN
WD_EN
SEL1
SEL2
PG
FAULT
TWARN
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
GND
VREG
TAB=Vcc
GIPG030420151337LM
9.1
8-bit SPI mode (SEL1 = L)
If SEL2 = H, the 8-bit SPI mode is based on an 8-bit command frame sent from the microcontroller to the IC. Each
bit directly drives the corresponding output where LSB drives output 0 and MSB drives output 7. Each bit, set to
‘1’, activates (closes) the corresponding output.
At the same time, the IC transfers the channel fault conditions (OVT) to the microcontroller. These fault conditions
are latched at the occurrence and cleared after each communication (each time the SS signal has a positive
transition). Each bit, set to ‘1’, indicates an OVT condition for the corresponding channel.
Table 14. Command 8-bit frame (from MCU to IC)
MSB
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
Table 15. Fault 8-bit frame (from IC to MCU)
MSB
LSB
F7
F6
F5
F4
F3
F2
F1
F0
9.2
16-bit SPI mode (SEL1 = H)
The 16-bit SPI mode is based on a 16-bit command frame sent from the microcontroller to the IC. The first 8 bits
directly drive the output channels (each bit, set to ‘1’, activates the corresponding output), the other 8 bits contain
a 4-bit parity check code where the last bit (the inversion of the previous one) is used to detect a communication
error condition (providing at least a transition in each frame):
P0 = IN0
⊕IN1⊕IN2⊕IN3⊕IN4⊕IN5⊕IN6⊕IN7
P1 = IN1
⊕IN3⊕IN5⊕IN7
P2 = IN0
⊕IN2⊕IN4⊕IN6
nP0 = not P0
where
⊕istheXORoperatorsymbol.
Table 16. Command 16-bit frame (from MCU to IC)
MSB
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
P2
P1
P0
nP0
IPS8200HQ, IPS8200HQ-1
SPI operation (SEL2 = H)
DS14313 - Rev 2
page 19/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com