Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet(PDF) 35 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 35 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 28Page - STMicroelectronics IPS8200HQ Datasheet HTML 29Page - STMicroelectronics IPS8200HQ Datasheet HTML 30Page - STMicroelectronics IPS8200HQ Datasheet HTML 31Page - STMicroelectronics IPS8200HQ Datasheet HTML 32Page - STMicroelectronics IPS8200HQ Datasheet HTML 33Page - STMicroelectronics IPS8200HQ Datasheet HTML 34Page - STMicroelectronics IPS8200HQ Datasheet HTML 35Page - STMicroelectronics IPS8200HQ Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Pin connection (top through view) ....................................................... 4
Figure 3.
Serial timing ...................................................................... 8
Figure 4.
dV/dt(ON) and dV/dt(OFF) time diagram test conditions ........................................ 9
Figure 5.
td(ON) and td(OFF) time diagram test conditions .............................................. 9
Figure 6.
Reverse polarity protection........................................................... 12
Figure 7.
Typical single pulse demagnetization: EOFF vs IOUT (VCC = 24 V, TAMB = 125 °C) ..................... 13
Figure 8.
Typical single pulse demagnetization: LLOAD vs IOUT (VCC = 24 V, TAMB = 125 °C) .................... 13
Figure 9.
SPI mode diagram ................................................................ 16
Figure 10.
Output channel enable/disable behavior.................................................. 16
Figure 11.
Power Good diagnostic ............................................................. 17
Figure 12.
Watchdog reset .................................................................. 18
Figure 13.
SPI directional logic convention ....................................................... 19
Figure 14.
Example of daisy chaining connection ................................................... 20
Figure 15.
LED driving array ................................................................. 21
Figure 16.
Typical circuit for switching regulation VDC-out = 3.3 V ........................................ 22
Figure 17.
Typical circuit for switching regulation VDC-out = 5 V.......................................... 22
Figure 18.
Thermal behavior ................................................................. 23
Figure 19.
VFQFPN-48L 8x6 mm, mechanical drawings .............................................. 24
Figure 20.
VFQFPN-48L 8x6 mm, suggested footprint ............................................... 27
Figure 21.
VFQFPN-48L 8x6 mm reel shipment reference ............................................. 28
Figure 22.
VFQFPN-48L 8x6 mm tape dimensions .................................................. 29
Figure 23.
VFQFPN-48L 8x6 mm tape, Pin 1 indication............................................... 29
IPS8200HQ, IPS8200HQ-1
List of figures
DS14313 - Rev 2
page 35/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com