Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet(PDF) 8 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 4Page - STMicroelectronics IPS8200HQ Datasheet HTML 5Page - STMicroelectronics IPS8200HQ Datasheet HTML 6Page - STMicroelectronics IPS8200HQ Datasheet HTML 7Page - STMicroelectronics IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics IPS8200HQ Datasheet HTML 10Page - STMicroelectronics IPS8200HQ Datasheet HTML 11Page - STMicroelectronics IPS8200HQ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tsu(SDI)
Data input setup time
100
-
ns
th(SDI)
Data input hold time
100
-
ns
ta(SDO)
Data output access time
-
100
ns
tdis(SDO)
Data output disable time
-
200
ns
tv(SDO)
Data output valid time
-
100
ns
th(SDO)
Data output hold time
0
-
ns
VSDO
Voltage on serial data output
ISDO = 15 mA
VREG-0.8
-
V
ISDO = - 4 mA
-
0.8
V
Figure 3. Serial timing
4.3
Switching
VCC = 24 V; -40 °C < TJ < 125 °C.
Table 6. Switching
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(ON)
Turn-on delay time
IOUT = 0.5 A, resistive load, input rise
time < 0.1 µs.
-
5
-
µs
tr
Rise time
-
5
-
µs
td(OFF)
Turn-off delay time
-
10
-
µs
tf
Fall time
-
5
-
µs
dV/dt(ON)
Turn-on voltage slope
-
3
-
V/µs
dV/dt(OFF)
Turn-off voltage slope
-
4
-
V/µs
IPS8200HQ, IPS8200HQ-1
Switching
DS14313 - Rev 2
page 8/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com