Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 1 Page - STMicroelectronics

  IPS8200HQ Datasheet HTML 1Page - STMicroelectronics IPS8200HQ Datasheet HTML 2Page - STMicroelectronics IPS8200HQ Datasheet HTML 3Page - STMicroelectronics IPS8200HQ Datasheet HTML 4Page - STMicroelectronics IPS8200HQ Datasheet HTML 5Page - STMicroelectronics IPS8200HQ Datasheet HTML 6Page - STMicroelectronics IPS8200HQ Datasheet HTML 7Page - STMicroelectronics IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Features
•
Voltage operating range 10.5 V to 36 V
•
UVLO with hysteresis
•
Output current: 0.7 A or 1.0 A (IPS8200HQ or IPS8200HQ-1) per channel
•
Low supply current in OFF (1 mA) and ON (5.3 mA) states
•
5 V and 3.3 V compatible I/Os
•
Selectable interface on logic side SPI or parallel
•
5 MHz SPI (8 or 16-bits) with output enable, daisy chain, and MCU freeze
detection
•
100 mA DC/DC with integrated boot diode and adjustable output voltage
•
4x2 LED matrix for efficient outputs state LEDs driving
•
Can drive all types of loads (resistive, capacitive, and inductive)
•
Per-channel overload and short-circuit protection
•
Per-channel/independent overtemperature protection
•
Fast demagnetization of inductive loads (Vout clamp)
•
Overvoltage protection (VCC clamping)
•
Loss of GND protection
•
Power Good (supply voltage level) diagnostic
•
Common fault open drain output
•
IC warning temperature detection
•
VFQFPN-48L (8x6 mm) package
•
Designed to meet IEC61131-2, IEC61000-4-2, IEC61000-4-4, and
IEC61000-4-5
Application
•
Programmable logic control
•
Industrial PC peripheral input/output
•
Numerical control machines
Description
The IPS8200HQ and IPS8200HQ -1 are monolithic 8-channel drivers, designed
using STMicroelectronics™ VIPower™ technology, and intended to drive any kind of
load with one side connected to the ground. Both ICs operates from 10.5 V to 36 V
and feature a very low supply current, parallel or 4-wire SPI control interface, a 4x2
LED matrix, and a micropower step-down switching regulator with a peak current
control loop mode.
Product status link
IPS8200HQ
IPS8200HQ -1
Octal high-side smart power solid-state relay with serial/parallel selectable
interface on-chip
IPS8200HQ, IPS8200HQ-1
Datasheet
DS14313 - Rev 2 - February 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IPS8200HQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS8200HQ-1 STMICROELECTRONICS-IPS8200HQ-1 Datasheet
1Mb / 8P
Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo
13-Oct-2023
More results

Similar Description - IPS8200HQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com