Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS8200HQ Datasheet(PDF) 22 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 22 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 18Page - STMicroelectronics IPS8200HQ Datasheet HTML 19Page - STMicroelectronics IPS8200HQ Datasheet HTML 20Page - STMicroelectronics IPS8200HQ Datasheet HTML 21Page - STMicroelectronics IPS8200HQ Datasheet HTML 22Page - STMicroelectronics IPS8200HQ Datasheet HTML 23Page - STMicroelectronics IPS8200HQ Datasheet HTML 24Page - STMicroelectronics IPS8200HQ Datasheet HTML 25Page - STMicroelectronics IPS8200HQ Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
11
Step-down switching regulator
The IC embeds a high efficiency 100 mA micropower step-down switching regulator. The regulator is protected
against short-circuits or overload conditions. Pulse-by-pulse current limit regulation is obtained in normal
operation through a current loop control.
A low ESR output capacitor connected to the VREG pin helps to limit the regulated voltage ripple; a low ESR (less
than 10 mΩ) capacitor is preferable. The control loop pin FB allows 3.3 V to be regulated, connecting it directly to
VREG, or 5 V connecting it through a voltage divider. The DC/DC converter can be turned off by connecting the
feedback pin to the DCVDD pin.
In some applications it is possible to switch off the embedded DC/DC and supply the VREG by 5 V or 3.3 V
externally. Also, in the case of two or more ICs inside the same board, the user can activate the DC/DC converter
on only one IC, and also supply the VREG pins of the other ICs.
If the DC/DC converter is adjusted to provide 3.3 V regulation and the VDC_out is used to power an external load
and not the device, a 33 kΩ resistor has to be connected on the VREG pin.
Figure 16. Typical circuit for switching regulation VDC-out = 3.3 V
Figure 17. Typical circuit for switching regulation VDC-out = 5 V
IPS8200HQ, IPS8200HQ-1
Step-down switching regulator
DS14313 - Rev 2
page 22/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com