Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet (PDF) - Monolithic Power Systems

MPQ1925 Datasheet PDF - Monolithic Power Systems
Part # MPQ1925
Download  MPQ1925 Download
File Size   702.92 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V, 4A, High-Frequency, Half-Bridge Gate Driver

MPQ1925 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ1925 Datasheet PDF - Monolithic Power Systems

Part # MPQ1925
Download  MPQ1925 Click to download

File Size   702.92 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V, 4A, High-Frequency, Half-Bridge Gate Driver

MPQ1925 Datasheet (HTML) - Monolithic Power Systems


MPQ1925 Product details

DESCRIPTION
The MPQ1925 is a high-frequency, N-channel
MOSFET, half-bridge gate driver. The device’s
low-side MOSFET (LS-FET) and high-side
MOSFET (HS-FET) driver channels are
independently controlled, and are matched with
less than 5ns in time delay. In the case of an
insufficient supply, the device’s HS-FET and
LS-FET under-voltage lockout (UVLO)
protection forces the outputs low. The
MPQ1925 also features an integrated bootstrap
(BST) diode to reduce the external component
count.
The MPQ1925 is available in a QFN-8
(4mmx4mm) package.

FEATURES
• Drives an N-Channel MOSFET Half-Bridge
• 115V Bootstrap Voltage (VBST) Range
• On-Chip Bootstrap (BST) Diode
• Typical 20ns Propagation Delay
• <5ns Gate Driver Matching Time
• Drives a 2.2nF Load with a 15ns Rise Time
and 10ns Fall Time at 12V VDD
• Transistor-to-Transistor Logic (TTL)-
Compatible Input
• <150µA Quiescent Current (IQ)
• High-Side MOSFET (HS-FET) and LowSide MOSFET (LS-FET) Under-Voltage
Lockout (UVLO) Protection
• Available in a QFN-8 (4mmx4mm) Package

APPLICATIONS
• Motor Drivers
• Telecommunication Half-Bridge Power
Supplies
• Avionics DC/DC Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters




Similar Part No. - MPQ1925

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPQ1923-AEC1 MPSIND-MPQ1923-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
MPQ1923GR-AEC1 MPSIND-MPQ1923GR-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
MPQ1923GRE-AEC1 MPSIND-MPQ1923GRE-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
logo
Monolithic Power System...
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924HS MPS-MPQ1924HS Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Similar Description - MPQ1925

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com