Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ1925 Datasheet HTML 2Page - Monolithic Power Systems MPQ1925 Datasheet HTML 3Page - Monolithic Power Systems MPQ1925 Datasheet HTML 4Page - Monolithic Power Systems MPQ1925 Datasheet HTML 5Page - Monolithic Power Systems MPQ1925 Datasheet HTML 6Page - Monolithic Power Systems MPQ1925 Datasheet HTML 7Page - Monolithic Power Systems MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems MPQ1925 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MPQ1925
– 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MPQ1925 Rev. 1.0
MonolithicPower.com
6
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD = 12V, VSS = VSW = 0V, TA = 25°C, unless otherwise noted.
Floating Driver Operating
Current vs. Frequency
High Output Voltage vs.
Temperature
Under-Voltage Lockout
Threshold vs. Temperature
Under-Voltage Lockout
Hysteresis vs. Temperature
Low Output Voltage vs.
Temperature
Quiescent Current vs.
Voltage
INH = INL = 0V
Bootstrap Diode I-V
Characteristics
VDD Operating Current vs.
Frequency
0
2
4
6
8
10
12
14
16
18
20
0
200
400
600
800
1000
FREQUENCY (kHz)
FREQUENCY (kHz)
TEMPERATURE (OC)
0
2
4
6
8
10
12
14
16
0
200
400
600
800
1000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
-50
0
50
100
150
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
-50
0
50
100
150
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7
-50
0
50
100
150
395
400
405
490
410
415
420
425
-50
0
50
100
150
0.1
1
10
100
1000
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
0
20
40
60
80
100
120
140
7
9
11
13
15
17
19
TEMPERATURE (OC)
TEMPERATURE (OC)
TEMPERATURE (OC)
TEMPERATURE (OC)
VDD, VBST (V)
-40
OC
-40
OC
0
OC
0
OC
25
OC
25
OC
125
OC
125
OC
VDD-VOLH
VDDR
VDDR
VBSTR
VBSTR
VOLL
VOHL
IDDQ vs VDD
IBSTQ vs VBST
VDD-VOHH
Propagation Delay vs.
Temperature
0
5
10
15
20
25
30
-60 -40 -20 0 20 40 60 80 100 120 140
TDHRR
TDHFF
TDLRR
TDLFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com