Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ1925 Datasheet HTML 1Page - Monolithic Power Systems MPQ1925 Datasheet HTML 2Page - Monolithic Power Systems MPQ1925 Datasheet HTML 3Page - Monolithic Power Systems MPQ1925 Datasheet HTML 4Page - Monolithic Power Systems MPQ1925 Datasheet HTML 5Page - Monolithic Power Systems MPQ1925 Datasheet HTML 6Page - Monolithic Power Systems MPQ1925 Datasheet HTML 7Page - Monolithic Power Systems MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPQ1925
– 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MPQ1925 Rev. 1.0
MonolithicPower.com
3
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Supply input. The VDD pin supplies power to the internal circuitry. Place a decoupling
capacitor to ground, close to VDD, to ensure a stable and clean supply.
2
BST
Bootstrap. The BST pin is the positive power supply for the internal, high-side MOSFET
(HS-FET) floating driver. Connect a bypass capacitor between the BST and SW pins.
3
DRVH
Floating driver output.
4
SW
Switching node.
5
INH
Floating driver control signal input.
6
INL
Low-side (LS) driver control signal input.
7
VSS,
exposed
pad
Chip ground. Connect the VSS pin to the exposed pad for proper thermal operation.
8
DRVL
LS driver output.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VDD) .....................-0.3V to +18V
SW voltage (VSW) ...........................-5V to +105V
SW voltage (VSW) ......... -25V (<100ns) to +105V
BST voltage (VBST) ......................-0.3V to +115V
BST voltage (VBST) ....... -15V (<100ns) to +115V
BST to SW ....................................-0.3V to +18V
DRVH to SW (2) ..........................-0.3V to +18.3V
DRVH to SW (2)
…………-5V (<100ns) to +18.3V
DRVH to VSS.........-0.3V to (BST - VSS) + 0.3V
DRVH to VSS .....................................................
…………...-15V (<100ns) to (BST - VSS) +0.3V
DRVL to VSS (2) .........................-0.3V to +18.3V
DRVL to VSS (2) ............ -5V (<100ns) to +18.3V
INH/INL to VSS................-0.3V to (VDD + 0.3V)
INH/INL to VSS ...................................................
…..……………….-5V (<100ns) to (VDD + 0.3V)
All other pins ..................... -0.3V to (VDD + 0.3V)
Continuous power dissipation (TA = 25°C) (3)
QFN-8 (4mmx4mm) ................................. 2.66W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ..................... ±1.5kV
Charged device model (CDM)..................±750V
Recommended Operating Conditions (4)
Supply voltage (VDD) ...........................8V to 15V
SW voltage (VSW) ...........................-1V to +100V
SW slew rate......................................... <50V/ns
Operating junction temp (TJ = TA) .......................
…………………………………...-40°C to +150°C
Thermal Resistance (5)
θJA
θJC
QFN-8 (4mmx4mm)................ 47 ....... 7.... °C/W
Notes:
1) Exceeding these ratings may damage the device. The
repetitive pulse rating is guaranteed for a period of
≤100ns
with a 1000kHz maximum repetition rate when VDD is ≤15V.
2) DRVH and DRVL are outputs pins that cannot be connected
to the external supply voltage.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, which may cause the regulator to go into
thermal
shutdown.
Internal
thermal
shutdown
circuitry
protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com