Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ1925 Datasheet HTML 1Page - Monolithic Power Systems MPQ1925 Datasheet HTML 2Page - Monolithic Power Systems MPQ1925 Datasheet HTML 3Page - Monolithic Power Systems MPQ1925 Datasheet HTML 4Page - Monolithic Power Systems MPQ1925 Datasheet HTML 5Page - Monolithic Power Systems MPQ1925 Datasheet HTML 6Page - Monolithic Power Systems MPQ1925 Datasheet HTML 7Page - Monolithic Power Systems MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPQ1925
100V, 4A, High-Frequency,
Half-Bridge Gate Driver
MPQ1925 Rev. 1.0
MonolithicPower.com
1
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The MPQ1925 is a high-frequency, N-channel
MOSFET, half-bridge gate driver.
The device’s
low-side MOSFET (LS-FET) and high-side
MOSFET
(HS-FET)
driver
channels
are
independently controlled, and are matched with
less than 5ns in time delay. In the case of an
insufficient supply, the
device’s HS-FET and
LS-FET
under-voltage
lockout
(UVLO)
protection
forces
the
outputs
low.
The
MPQ1925 also features an integrated bootstrap
(BST) diode to reduce the external component
count.
The
MPQ1925
is
available
in
a
QFN-8
(4mmx4mm) package.
FEATURES
• Drives an N-Channel MOSFET Half-Bridge
• 115V Bootstrap Voltage (V
BST) Range
• On-Chip Bootstrap (BST) Diode
• Typical 20ns Propagation Delay
• <5ns Gate Driver Matching Time
• Drives a 2.2nF Load with a 15ns Rise Time
and 10ns Fall Time at 12V VDD
• Transistor-to-Transistor Logic (TTL)-
Compatible Input
• <150µA Quiescent Current (I
Q)
• High-Side MOSFET (HS-FET) and Low-
Side MOSFET (LS-FET) Under-Voltage
Lockout (UVLO) Protection
• Available in a QFN-8 (4mmx4mm) Package
APPLICATIONS
• Motor Drivers
• Telecommunication Half-Bridge Power
Supplies
• Avionics DC/DC Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
M
V
DD
DRVH
DRVL
SW
BST
VSS
VSS
VDD
VDD
DRVH
DRVL
SW
BST
INH
INL
INH
INL
MOTOR
DRIVER
12V


Similar Part No. - MPQ1925

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPQ1923-AEC1 MPSIND-MPQ1923-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
MPQ1923GR-AEC1 MPSIND-MPQ1923GR-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
MPQ1923GRE-AEC1 MPSIND-MPQ1923GRE-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
logo
Monolithic Power System...
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924HS MPS-MPQ1924HS Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
More results

Similar Description - MPQ1925

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com