Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems MPQ1925 Datasheet HTML 10Page - Monolithic Power Systems MPQ1925 Datasheet HTML 11Page - Monolithic Power Systems MPQ1925 Datasheet HTML 12Page - Monolithic Power Systems MPQ1925 Datasheet HTML 13Page - Monolithic Power Systems MPQ1925 Datasheet HTML 14Page - Monolithic Power Systems MPQ1925 Datasheet HTML 15Page - Monolithic Power Systems MPQ1925 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPQ1925
– 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MPQ1925 Rev. 1.0
MonolithicPower.com
12
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PCB Layout Guidelines
Proper PCB layout is critical for the optimal
performance of the HS-FET and LS-FET gate
drivers.
The
MPQ1925
is
designed
to
accommodate negative undershoot; however,
excessive undershoot can lead to unpredictable
operation or damage to the IC. For the best
results, refer to Figure 4 and follow the
guidelines below:
1. Make the connection between the HS-FET
source and the LS-FET drain as direct as
possible to avoid a negative undershoot on
the phase node due to parasitic inductance.
2. Use surface-mount N-channel MOSFETs
that allow for a very short connection
between the HS-FETs and LS-FETs.
3. Place the bootstrap capacitor (C3) and
supply bypass capacitor (C2) as close as
possible to the IC.
4. Use multiple vias to connect the ground side
of these capacitors, which are connected to
a solid ground plane, to both the GND pin
and exposed pad.
5. Keep the high-current ground path between
the input supply, input bulk capacitor (C6),
and the MOSFETs away from the IC.
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com